công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401EVMCVAL bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LMH5401EVMCVAL
Giải thích chi tiết về linh kiện  6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH5401EVMCVAL bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMH5401EVMCVAL Datasheet HTML 7Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 8Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 9Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 10Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 11Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 12Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 13Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 14Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Frequency (MHz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
1k
SBOS
SBOS
VOUT_AMP = 2 Vpp-diff
VOUT_AMP = 1 Vpp-diff
VOUT_AMP (Vpp-diff)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-110
-100
-90
-80
-70
-60
-50
-40
-30
SBOS
Frequency = 500 MHz
Frequency (MHz)
-50
-40
-30
-20
-10
0
10
100
1k
10k
SBOS
SBOS
Frequency (MHz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
1k
SBOS
SBOS
VOUT_AMP = 2 Vpp-diff
VOUT_AMP = 1 Vpp-diff
Frequency (MHz)
-15
-10
-5
0
5
10
15
10
100
1k
10k
SBOS
SBOS
Frequency (MHz)
150
160
170
180
190
200
210
10
100
1k
10k
SBOS
SBOS
11
LMH5401-SP
www.ti.com
SBOS849 – DECEMBER 2017
Product Folder Links: LMH5401-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics: 5 V (continued)
at TA = 25°C, VS+ = 3.3 V; VS– = 0 V; VCM = 1.65 V, RLtotal = 200-Ω differential
() (R
O = 40 Ω each), Gp = 8 dB (Gv = 17 dB),
single-ended input and differential output, and input and output pins referenced to mid supply (unless otherwise noted);
measured using an EVM as discussed in the Parameter Measurement Information section (see Figure 50 to Figure 53)
Figure 7. SE-DE Amplitude Imbalance
Figure 8. SE-DE Phase Imbalance
Figure 9. SE-DE Total Imbalance
Figure 10. SE-DE 2nd Order Harmonic Distortion vs
Frequency
Figure 11. SE-DE 3rd Order Harmonic Distortion vs
Frequency
Figure 12. SE-DE 2nd Order Harmonic Distortion vs Vout


Số phần tương tự - LMH5401EVMCVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401EVMCVAL TI1-LMH5401EVMCVAL Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
More results

Mô tả tương tự - LMH5401EVMCVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI-LMH5401 Datasheet
3Mb / 56P
[Old version datasheet]   8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com