công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401EVMCVAL bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LMH5401EVMCVAL
Giải thích chi tiết về linh kiện  6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH5401EVMCVAL bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH5401EVMCVAL Datasheet HTML 3Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 4Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 5Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 6Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 7Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 8Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 9Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 10Page - Texas Instruments LMH5401EVMCVAL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
7
LMH5401-SP
www.ti.com
SBOS849 – DECEMBER 2017
Product Folder Links: LMH5401-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Please see Output Reference Nodes and Gain Nomenclature.
(2)
For subgroup definitions, please see Table 1.
7.6 Electrical Characteristics: VS = 3.3 V
The specifications shown below correspond to the respectively identified subgroup temperature (see Table 1), unless
otherwise noted. VS+ = 3.3 V; VS– = 0 V; VCM = 1.65 V; RLtotal = 200-Ω differential
(1); Gp = 8 dB (Gv = 17 dB); single-ended
input, differential output, and input and output referenced to midsupply (unless otherwise noted); measured using an EVM as
discussed in the Parameter Measurement Information section.
PARAMETER
TEST CONDITIONS
SUBGROUP(2)
MIN
TYP
MAX
UNIT
AC PERFORMANCE
GBP
Gain bandwidth product
Gp = 8 dB
6.5
GHz
SSBW
Small-signal, –3-dB
bandwidth
VL = 100 mVPP
4
GHz
LSBW
Large-signal, –3-dB
bandwidth
VL = 1 VPP
3.8
GHz
Bandwidth for ±0.5-dB
flatness
VL = 1 VPP
2.6
GHz
SR
Slew rate
2-V step
17500
V/µs
Rise and fall time
1-V step, 10% to 90%
90
ps
Overdrive recovery
Overdrive = ±0.5 V
400
ps
Output balance error
f = 1 GHz
–47
dBc
zo
Output impedance
At dc
[1, 2, 3]
13
20
25
Ω
0.1% settling time
2 V, RL = 200 Ω
1
ns
HD2
Second-order harmonic
distortion
f = 100 MHz, VL = 500 mVPP
–93
dBc
f = 200 MHz, VL = 500 mVPP
–87
f = 500 MHz, VL = 500 mVPP
–75.2
f = 1 GHz, VL = 500 mVPP
–58
HD3
Third-order harmonic
distortion
f = 100 MHz, VL = 500 m VPP
–83
dBc
f = 200 MHz, VL = 500 mVPP
–76
f = 500 MHz, VL = 500 mVPP
–59
f = 1 GHz, VL = 500 mVPP
–53
IMD2
Second-order intermodulation
distortion
f = 500 MHz, VL = 0.25 VPP per tone
–94
dBc
f = 1 GHz, VL = 0.25 VPP per tone
–83
f = 2 GHz, VL = 0.25 VPP per tone
–68
OIP2
Second-order output intercept
point
f = 500 MHz, VL = 1 VPP, matched
load
70
dBm
f = 1000 MHz, VL = 1 VPP, matched
load
54
IMD3
Third-order intermodulation
distortion
f = 500 MHz, VL = 0.25 VPP per tone
–74
dBc
f = 1 GHz, VL = 0.25 VPP per tone
–63
f = 2 GHz, VL = 0.25 VPP per tone
–49
OIP3
Third-order output intercept
point
f = 500 MHz, VL = 1 VPP, unmatched
load
33
dBm
f = 1000 MHz, VL = 1 VPP, unmatched
load
26.5
NOISE PERFORMANCE
en
Input voltage noise density
1.25
nV/
√Hz
in
Input noise current
3.5
pA/
√Hz
NF
Noise figure
RS = 50 Ω, SE-DE, G = 12 dB,
200 MHz
11.9
dB
INPUT
VIO
Input offset voltage
±0.5
±5
mV
IIB
Input bias current
70
150
µA
IIO
Input offset current
±1
±20
µA
Zid
Differential impedance
4600
Ω
VICL
Input common-mode
low voltage
[1, 2, 3]
(VS–)
(VS–) +
0.41
V


Số phần tương tự - LMH5401EVMCVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401EVMCVAL TI1-LMH5401EVMCVAL Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
More results

Mô tả tương tự - LMH5401EVMCVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI-LMH5401 Datasheet
3Mb / 56P
[Old version datasheet]   8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
logo
Broadcom Corporation.
AMMC-5023 BOARDCOM-AMMC-5023 Datasheet
283Kb / 9P
   23 GHz Low Noise Amplifier (21.2??6.5 GHz)
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
   Low-noise, Programmable Gain, Differential Amplifier
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com