công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC2-1T+ bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện TC2-1T+
Giải thích chi tiết về linh kiện  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC2-1T+ bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  TC2-1T+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
3 to 300 MHz
RF Transformer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
SECONDARY CT
2
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
REV. G
M151107
TC2-1T+
ED-6119
IG/TD/CP/AM
151019
Config. A
* Insertion Loss is referenced to mid-band loss, .4 dB typ.
• good return loss
• excellent amplitude unbalance (0.5 dB typ)
and phase unbalance (4 deg. typ) in 1 dB bandwidth
• plastic base with leads
• aqueous washable
Applications
• impedance matching
• balanced to unbalanced transformation
• push-pull amplifier
TC2-1T+
CASE STYLE: AT224-1
Outline Drawing AT224-1
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
L
wt
.028
.065
.190
.030
.007 grams
0.71
1.65
4.83
0.76
0.18
0.15
INSERTION LOSS
0.1
0.3
0.4
0.6
0.7
0.9
1.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
AMPLITUDE UNBALANCE
0.0
0.2
0.3
0.5
0.6
0
50
100
150
200
250
300
FREQUENCY (MHz)
INPUT RETURN LOSS
10
15
20
25
0
50
100
150
200
250
300
FREQUENCY (MHz)
PHASE UNBALANCE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications
Typical Performance Data
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
2
3-300
3-300
4
0.5
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
3.00
0.38
21.63
0.05
0.54
5.00
0.33
20.24
0.04
0.57
10.00
0.34
19.32
0.02
0.45
50.00
0.37
19.41
0.03
0.56
70.00
0.40
19.34
0.04
0.64
100.00
0.44
19.00
0.07
0.86
150.00
0.52
18.11
0.14
1.30
200.00
0.60
17.06
0.25
1.68
300.00
0.80
15.00
0.53
2.44
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Lead #1 identifier shall be located in the cross-hatched area shown.
Identifier may be either a molded or marked feature.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
*Addition of Top hat™ feature
Benefits
• Allows faster pick-and-place
• Enables visual identification marking
TC2-1
TX+
Upgr
ade
d Ver
sion*


Số phần tương tự - TC2-1T+

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TC2-1TG2 MINI-TC2-1TG2 Datasheet
232Kb / 1P
   RF Transformer
TC2-1TG2++ MINI-TC2-1TG2+ Datasheet
232Kb / 1P
   RF Transformer
TC2-1TX MINI-TC2-1TX Datasheet
307Kb / 1P
   RF Transformer
TC2-1TX++ MINI-TC2-1TX+ Datasheet
307Kb / 1P
   RF Transformer
More results

Mô tả tương tự - TC2-1T+

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com