công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145156RP bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145156RP
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145156RP bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145156RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145156RP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.lansdale.com
Page 6 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145152
12 x 8 ROM REFERENCE DECODER
φV
ML145152 BLOCK DIAGRAM
φR
12–BIT
÷ R COUNTER
PHASE
DETECTOR
LOCK
DETECT
LD
fin
OSCin
OSCout
12
N0
N2
N4 N5
N7
N9
NOTE: N0 – N9, A0 – A5, and RA0 – RA2 have pull–up resistors that are not shown.
10–BIT
÷ N COUNTER
CONTROL
LOGIC
MC
6–BIT
÷ A COUNTER
A5
A3 A2
A0
RA2
RA0
RA1
PIN DESCRIPTIONS
INPUT PINS
fin
Frequency Input (Pin 1)
Input to the positive edge triggered ÷ N and ÷ A counters.
fin is typically derived from a dual–modulus prescaler and is
AC coupled into the device. For larger amplitude signals (stan-
dard CMOS logic levels) DC coupling may be used.
RA0, RA1, RA2
Reference Address Inputs (Pins 4, 5, 6)
These three inputs establish a code defining one of eight
possible divide values for the total reference divider. The total
reference divide values are as follows:
N0 – N9
N Counter Programming Inputs (Pins 11 – 20)
The N inputs provide the data that is preset into the ÷ N
counter when it reaches the count of 0. N0 is the least signifi-
cant digit and N9 is the most significant. Pull–up resistors en-
sure that inputs left open remain at a logic 1 and require only a
SPST switch to alter data to the zero state.
A0 – A5
A Counter Programming Inputs(Pins 23, 21, 22, 24, 25, 10)
The A inputs define the number of clock cycles of fin that
require a logic 0 on the MC output (see Dual–Modulus Pres-
caling section). The A inputs all have internal pull–up resis-
tors that ensure that inputs left open will remain at a logic 1.
OSCin, OSCout
Reference Oscillator Input/Output (Pins 27, 26)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be con-
nected from OSCin to ground and OSCout to ground. OSCin
may also serve as the input for an externally generated refer-
ence signal. This signal is typically AC coupled to OSCin, but
for larger amplitude signals (standard CMOS logic levels) DC
coupling may also be used. In the external reference mode, no
connection is required to OSCout.
OUTPUT PINS
φR,φV
Phase Detector B Outputs (Pins 7, 8)
These phase detector outputs can be combined externally for
a loop–error signal.
If the frequency fV is greater than fR or if the phase of fV is
leading, then error information is provided by φV pulsing low.
φR remains essentially high.
If the frequency fV is less than fR or if the phase of fV is
lagging, then error information is provided by φR pulsing low.
φV remains essentially high.
If the frequency of fV = fR and both are in phase, then both
φV and φR remain high except for a small minimum time peri-
od when both pulse low in phase.
MC
Dual–Modulus Prescale Control Output (Pin 9)
Signal generated by the on–chip control logic circuitry for
controlling an external dual–modulus prescaler. The MC level
will be low at the beginning of a count cycle and will remain
low until the ÷ A counter has counted down from its pro-
grammed value. At this time, MC goes high and remains high
until the ÷ N counter has counted the rest of the way down
from its programmed value (N – A additional counts since
both ÷ N and ÷ A are counting down during the first portion of
the cycle). MC is then set back low, the counters preset to
Reference Address Code
Total
Divide
RA2
RA1
RA0
Divide
Value
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
64
128
256
512
1024
1160
2048


Số phần tương tự - ML145156RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145156 LANSDALE-ML145156 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
More results

Mô tả tương tự - ML145156RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com