công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145157-5P bảng dữ liệu(PDF) 8 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145157-5P
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145157-5P bảng dữ liệu(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML145157-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145157-5P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.lansdale.com
Page 8 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145152
Figure 2. 666–Channel, Computer–Controlled, Mobile Radiotelephone Synthesizer
for 800 MHz Cellular Radio Systems
LOCK DETECT SIGNAL
R1
+
RECEIVER FIRST L.O.
825.030
→ 844.980 MHz
(30 kHz STEPS)
ML12017
÷ 64/65 PRESCALER
NOTE 6
ML145152
NOTE 5
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receiver/transmit separation.
3.fR = 7.5 kHz; ÷ R = 2048.
4. Ntotal = N 64 + A = 27501 to 28166; N = 429 to 440; A = 0 to 63.
5. ML145158 may be used where serial data entry is desired.
6. High frequency prescalers may be used for higher frequency VCO and fref
implementations.
7. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter Design page for
additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful not to exceed the common mode
input range of the op amp used in the combiner/loop filter.
REF. OSC.
15.360 MHz
(ON–CHIP OSC.
OPTIONAL)
X2
X4
NOTE 6
X4
NOTE 6
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030
→ 844.980 MHz
(30 kHz STEPS)
RECEIVER 2ND L.O.
30.720 MHz
NOTE 7
ML145152 Data Sheet Continued on Page 23


Số phần tương tự - ML145157-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145157 LANSDALE-ML145157 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
More results

Mô tả tương tự - ML145157-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com