công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145404RP bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145404RP
Giải thích chi tiết về linh kiện  Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145404RP bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

  MC145404RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145404RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
DI1 – DIn
Data Input Pins
These are the high impedance digital input pins to the driv-
ers. Input voltage levels on these pins are LSTTL compatible
and must be between VCC and GND. A weak pull–up on each
input sets all unused DI pins to VCC, causing the correspon-
ding unused driver outputs to be at VSS.
Tx1 – TXn
Transmit Data Output Pins
These are the EIA–232–E transmit signal output pins, which
swing from VDD to VSS. A logic 1 at the DI input causes the
corresponding Tx output to swing to VSS. A logic 0 at the DI
input causes the corresponding Tx out to swing to VDD. The
actual levels and slew rate achieved will depend on the output
loading (RL//CL).
LEGACY APPLICATION INFORMATION
POWER SUPPLY CONSIDERATIONS
Figure 4 shows a technique to guard against excessive de-
vice current.
The diode D1 prevents excessive current from flowing
through an internal diode from the VCC pin to the VDD pin-
when VDD < VCC by approximately 0.6 V or greater. This
high current condition can exist for a short period of time dur-
ing power up/down. Additionally, if the + 12 V supply is
switched off while the + 5 V is on and the off supply is a low
impedance to ground, the diode D1 will prevent current flow
through the internal diode.
The diode D2 is used as a voltage clamp, to prevent VSS
from drifting positive to VCC, in the event that power is re-
moved from VSS (Pin 12). If VSS power is removed, and the
impedance from the VSS pin to ground is greater than approxi-
mately 3 kΩ, this pin will be pulled to VCC by internal circuit-
ry causing excessive current in the VCC pin.
If by design, neither of the above conditions are allowed to
exist, then the diodes D1 and D2 are not required.
ESD PROTECTION – CAUTION
ESD protection on IC devices that have their pins accessible
to the outside world is essential. High static voltages applied to
the pins when someone touches them either directly or in
directly can cause damage to gate oxides and transistor junc-
tions by coupling a portion of the energy from the I/O pin to
the power supply buses of the IC. This coupling will usually
occur through the internal ESD protection diodes. The key to
protecting the IC is to shunt as much of the energy to ground
as possible before it enters the IC. Figure 4 shows a technique
which will clamp the ESD voltage at approximately ± 15 V
using the MMBZ15VDLT1. Any residual voltage which
appears on the supply pins is shunted to ground through the
capacitors C1 – C3. This scheme has provided protection to the
interface part up to ± 10kV, using the human body model test.
R
R
R
R
R
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
Rx5
1
2
3
4
5
6
7
8
9
10
DI1
DO2
DI2
DO3
DI3
DO4
DI4
DO5
DI5
GND
22
21
20
19
18
17
16
15
14
13
24
23
11
12
VCC
DO1
VSS
Tx5
+ 5 V
C2
D1
C3
– 12 V
1N5818
1N4001
D2
C1
+ 12 V
1N4001
D
D
D
D
D
Figure 4.
MMBZ15VDLT1 x 10


Số phần tương tự - MC145404RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145404 MOTOROLA-MC145404 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
MC145404DW MOTOROLA-MC145404DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
MC145404P MOTOROLA-MC145404P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

Mô tả tương tự - MC145404RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com