công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145428-6P bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145428-6P
Giải thích chi tiết về linh kiện  Asynchronous?뱓o?밪ynchronous
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145428-6P bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145428-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145428-6P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.lansdale.com
Page 6 of 14
Issue 0
LANSDALE Semiconductor, Inc.
ML145428
CIRCUIT DESCRIPTION
The ML145428 Data Set Interface provides a means for con-
version of an asynchronous (start/stop format) data channel to
a synchronous data channel and synchronous to asynchronous
data channel conversion. Although primarily intended to facili-
tate the implementation of RS - 232 compatible asynchronous
data ports in digital telephone sets using the MC145422/26
UDLTs, this device is also useful in many applications that
require the conversion of synchronous and asynchronous data.
TRANSMIT CIRCUIT
Asynchronous data is input on the TxD pin. This data is
expected to consist of a start bit (logic low) followed by eight
or nine data bits and one or more stop bits (logic high). The
length of the data word is selected by the DL pin. The data
baud rate is selected with the BR1, BR1 and BR3 pins to
obtain the internal sampling clock. This internal sampling
clock is selected to be 16 times the baud rate at the TxD pin.
An externally supplied 16 times clock may also be used, in
which case the BR1, BR2, and BR3 pins should all be at logic
zero and the 16 times sampling clock supplied at the BC pin.
Data input at the TxD pin is stripped of start and stop bits
and is loaded into a four–word deep FIFO register. A break
condition is also recognized at the TxD pin and this informa-
tion is relayed to the synchronous channel transmitter which
codes this condition so it may be re–created at the remote
receiving device.
The synchronous channel transmitter sends one bit at a time
under control of the DC, CM and DOE pins. The synchronous
channel transmitter transmits one of three possible data pat-
terns based on whether or not the top of the Tx FIFO is full
and whether or not a break condition has been recognized by
the data stripper. When no data is available at the top of the Tx
FIFO for transmission, the synchronous data transmitter sends
a special synchronizing flag pattern (011111110). When a
break condition is detected by the data stripper and no data is
available at the top of the Tx FIFO, the break pattern
(111111110) is sent. Figure 2A depicts this operation.


Số phần tương tự - ML145428-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145428-6P LANSDALE-ML145428-6P Datasheet
1Mb / 14P
   Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
More results

Mô tả tương tự - ML145428-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Glenair, Inc.
805-113 GLENAIR-805-113 Datasheet
226Kb / 1P
   Mighty Mouse High-Speed Back?뱓o?밄ack
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110_08 Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
logo
Glenair, Inc.
805-112 GLENAIR-805-112 Datasheet
252Kb / 1P
   Mighty Mouse High-Speed Back?뱓o?밄ack
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
   CMOS Asynchronous
logo
GSI Technology
GS73024AB GSI-GS73024AB Datasheet
613Kb / 12P
   Asynchronous SRAM
logo
Renesas Technology Corp
82C50A RENESAS-82C50A Datasheet
985Kb / 25P
   CMOS Asynchronous
logo
LANSDALE Semiconductor ...
ML145428 LANSDALE-ML145428 Datasheet
1Mb / 14P
   Asynchronous-to-Synchronous and Synchronous-to-Asynchronous Converter
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com