công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145443 bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145443
Giải thích chi tiết về linh kiện  Single?밅hip 300?밄aud Modem
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145443 bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145443 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145443 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.lansdale.com
Page 6 of 11
LANSDALE Semiconductor, Inc.
ML145442, ML145443
GENERAL DESCRIPTION
The ML145442 and ML145443 are full–duplex low–speed
modems. They provide a 300–baud FSK signal for bidirectional
data transmission over the telephone network. They can be operated
in one of four basic configurations as determined by the state of
MODE (pin 13) and LB (pin 2).The normal (non–loopback) and
self test (loopback) modes in both answer and originate modes will
be discussed.
For an originate or channel 1 mode, a logic high level is placed
on MODE (pin 13) and a logic low level is placed on LB (pin 2). In
this mode, transmit data is input on TxD, where it is converted to a
FSK signal and routed through a low–band band–pass filter. The
filtered output signal is then buffered by the Tx op–amp line driver,
which is capable of driving –9 dBm onto a 600Ω line. The receive
signal is connected through a hybrid duplexer circuit on pins 15 and
16, RxA2 and RxA1. The signal then passes through the anti–alias-
ing filter, the sample–and–hold circuit, is switched into the
high–band band–pass filter, and then switched into the AC amplifi-
er circuit. The output of the ac amplifier circuit is routed to the
demodulator circuit and demodulated. The resulting digital data is
then output through RxD (pin 5). The carrier detect circuit receives
its signal from the output of the AC amplifier circuit and goes low
when the incoming signal is detected (see Figure 4a).
In the answer or channel 2 mode, a logic low level is placed on
MODE (pin 13) and on LB (pin 2). In this mode, the data follows
the same path except the FSK signal is routed to the high–band
band–pass filter and the sample–and–hold signal is routed through
the low–band band–pass filter (see Figure 4b).
In the analog loopback originate or channel 1 mode, a logic high
level is placed on MODE (pin 13) and on LB (pin 2). This mode is
used for a self check of the modulator, demodulator, and low–band
pass–band filter circuit. The modulator side is configured exactly
like the originate mode above except the line driver output (TxA,
pin 17) is switched to the negative input of the hybrid op–amp. The
RxA2 input pin is open in this mode and the non–inverting input of
the hybrid circuit is connected to VAG. The sample–and–hold out-
put bypasses the filter so that the demodulator receives the modu-
lated Tx data (see Figure 4c). This test checks all internal device
components except the high–band band–pass filter, which can be
checked in the answer or channel 2 mode test.
In the analog loopback or channel 2 mode, a logic low level is
placed on MODE (pin 13) and a logic high level on LB (pin 2).
This mode is used for a self check of the modulator, demodulator,
and high–band pass–band filter circuit. This configuration is exact-
ly like the originate loopback mode above, except the signal is rout-
ed through the high–band pass–band filter (see Figure 4d).
Issue b


Số phần tương tự - ML145443

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145443 LANSDALE-ML145443 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
ML145443-6P LANSDALE-ML145443-6P Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
ML145443RP LANSDALE-ML145443RP Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
More results

Mô tả tương tự - ML145443

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
List of Unclassifed Man...
SC11014 ETC-SC11014 Datasheet
992Kb / 21P
   300 / 1200 Bit Per Second Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com