công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145407RP bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145407RP
Giải thích chi tiết về linh kiện  5 Volt Only Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407RP bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145407RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
Issue A
ML145407
5 Volt Only Driver/Receiver
RS232 EIA–232–E and CCITT V.28
Legacy Device: Motorola MC145407
The ML145407 is a silicon–gate CMOS IC that combines three
drivers and three receivers to fulfill the electrical specifications of
RS232 EIA–232–E and CCITT V.28 while operating from a single + 5
V power supply. A voltage doubler and inverter convert the + 5V to ±
10 V. This is accomplished through an on–board 20 kHz oscillator
and four inexpensive external electrolytic capacitors. The three drivers
and three receivers of the ML145407 are virtually identical to those of
the ML145406. Therefore, for applications requiring more than three
drivers and/or three receivers, an ML145406 can be powered from an
ML145407, since the ML145407 charge pumps have been designed to
guarantee ± 5 V at the output of up to six drivers. Thus, the
ML145407 provides a high–performance, low–power, stand–alone
solution or, with the ML145406, a + 5 V only, high–performance
two–chip solution.
This device offers the following performance features:
• Operating Temperature Range = TA –40° to +85°C
Drivers
• ± 7.5 V Output Swing
• 300Ω Power–Off Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Slew Rate Range Limited from 4 V/µs to 30 V/µs
Receivers
• + 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V Hysteresis for Enhanced Noise Immunity
Charge Pumps
• + 5 V to ± 10 V Dual Charge Pump Architecture
• Supply Outputs Capable of Driving Three On–Chip Drivers and
Three Drivers on the ML145406 Simultaneously
• Requires Four Inexpensive Electrolytic Capacitors
• On–Chip 20 kHz Oscillator
P DIP 20 = RP
PLASTIC DIP
CASE 738
SOG 20 = -6P
SOG PACKAGE
CASE 751D
20
1
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 20
MC145407P
ML145407RP
SOG 20
MC145407DW
ML145407-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
R
R
D
R
D
D
C2+
GND
C2–
VSS
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
C1+
VCC
C1–
VDD
DO1
DI1
DO2
DI2
DO3
DI3
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PIN ASSIGNMENT
D = DRIVER
R = RECEIVER


Số phần tương tự - ML145407RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145407RP LANSDALE-ML145407RP Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
More results

Mô tả tương tự - ML145407RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com