công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145051DW bảng dữ liệu(PDF) 11 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145051DW
Giải thích chi tiết về linh kiện  10-Bit A/D Converter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145051DW bảng dữ liệu(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button MC145051DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 14Page - LANSDALE Semiconductor Inc. MC145051DW Datasheet HTML 15Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.lansdale.com
Page 11 of 15
LANSDALE Semiconductor, Inc.
ML145050, ML145051
DESCRIPTION
This example application of the ML145050/ML145051
ADCs interfaces three controllers to a microprocessor and
processes data in real-time for a video game. The standard joy-
stick X-axis (left/right) and Y-axis (up/down) controls as well
as engine thrust controls are accommodated.
Figure 15 illustrates how the ML145050/ML145051 is used
as a cost-effective means to simplify this type of circuit design.
Utilizing one ADC, three controllers are interfaced to a CMOS
or NMOS microprocessor with a serial peripheral interface
(SPI) port. Processors with National Semiconductor's
MICROWIRE serial port may also be used. Full duplex opera-
tion optimizes throughput for this system.
DIGITAL DESIGN CONSIDERATIONS
Motorola's MC68HC05C4 CMOS MCU may be chosen to
reduce power supply size and cost. The NMOS MCUs maybe
used if power consumption is not critical. A VDD or VSS 0.1
µF bypass capacitor should be closely mounted to the ADC.
Both the ML145050 and ML145051 accommodate all the
analog system inputs. The ML145050, when used with a 2
MHz MCU, takes 27 µs to sample the analog input, perform
the conversion, and transfer the serial data at 2 MHz. Forty-
four ADCLK cycles (2 MHz at input pin 19) must be provided
and counted by the MCU before reading the ADC results. The
ML145051 has the end-of-conversion (EOC) signal (at output
pin 19) to define when data is ready, but has a slower 49 µs
cycle time. However, the 49 µs is constant for serial data rates
of 2 MHz independent of the MCU clock frequency. Therefore,
the ML145051 may be used with the CMOS MCU operating at
reduced clock rates to minimize power consumption without
severely sacrificing ADC cycle times, with EOC being used to
generate an interrupt. (The ML145051 may also be used with
MCUs which do not provide a system clock.)
ANALOG DESIGN CONSIDERATIONS
Controllers with output impedances of less than 1 k
Ω maybe
directly interfaced to these ADCs, eliminating the need for
buffer amplifiers. Separate lines connect the Vref and VAG
pins on the ADC with the controllers to provide isolation from
system noise.
Although not indicated in Figure 15, the Vref and controller
output lines may need to be shielded, depending on their length
and electrical environment. This should be verified during pro-
totyping with an oscilloscope. If shielding is required, a twist-
ed pair or foil-shielded wire (not coax) is appropriate for this
low frequency application. One wire of the pair or the shield
must be VAG.
A reference circuit voltage of 5 volts is used for this applica-
tion. The reference circuitry may be as simple as tying VAG to
system ground and Vref to the system's positive supply. (See
Figure 16.) However, the system power supply noise may
require that a separate supply be used for the voltage reference.
This supply must provide source current forVref as well as
current for the controller potentiometers.
A bypass capacitor of approximately 0.22 µF across the Vref
and VAG pins is recommended. These pins are adjacent on the
ADC package which facilitates mounting the capacitor very
close to the ADC.
SOFTWARE CONSIDERATIONS
The software flow for acquisition is straight forward. The
nine analog inputs, AN0 through AN8, are scanned by reading
the analog value of the previously addressed channel into the
MCU and sending the address of the next channel to be read to
the ADC, simultaneously.
If the design is realized using the ML145050, 44 ADCLK
cycles (at pin 19) must be counted by the MCU to allow time
for A/D conversion. The designer utilizing the MC145051 has
the end-of-conversion signal (at pin 19) to define the conver-
sion interval. EOC may be used to generate an interrupt, which
is serviced by reading the serial data from the ADC. The soft-
ware flow should then process and format the data, and transfer
the information to the video circuitry for updating the display.
When these ADCs are used with a 16-bit (2-byte) transfer,
there are two types of offsets involved. In the first type of off-
set, the channel information sent to the ADCs is offset by 12
bits. That is, in the 16-bit stream, only the first 4 bits (4 MSBs)
contain the channel information. The balance of the bits are
don't cares. This results in 3 don't-care nibbles, as shown in
Table 2. The second type of offset is in the conversion result
returned from the ADCs; this is offset by 6 bits. In the 16-bit
stream, the first 10 bits (10 MSBs) contain the conversion
results. The last 6 bits are zeroes. The hexadecimal result is
shown in the first column of Table 3. The second column shows
the result after the offset is removed by a microprocessor rou-
tine. If the 16-bit format is used, these ADCs can transfer one
continuous 16-bit stream or two intermittent 8-bitstreams.
Legacy Applications Information
Issue B


Số phần tương tự - MC145051DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145051DW LANSDALE-MC145051DW Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
More results

Mô tả tương tự - MC145051DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950 TI-UCC5950 Datasheet
206Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Microchip Technology
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com