công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145406P bảng dữ liệu(PDF) 10 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145406P
Giải thích chi tiết về linh kiện  Driver/Receiver EIA 232?밇 and CCITT V.28
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145406P bảng dữ liệu(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC145406P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145406P Datasheet HTML 10Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.lansdale.com
Page 10 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145406
OUTLINE DIMENSIONS
P DIP 16 = EP
(ML145406EP)
CASE 648–08
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
M
S
18.80
6.35
3.69
0.39
1.02
0.21
2.80
7.50
0
°
0.51
19.55
6.85
4.44
0.53
1.77
0.38
3.30
7.74
10
°
1.01
0.740
0.250
0.145
0.015
0.040
0.008
0.110
0.295
0
°
0.020
0.770
0.270
0.175
0.021
0.070
0.015
0.130
0.305
10
°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
2.54 BSC
1.27 BSC
0.100 BSC
0.050 BSC
-A-
B
18
9
16
F
H
G
D 16 PL
S
C
-T- SEATING
PLANE
K
J
M
L
TA
0.25 (0.010) M
M
SOG 16 = -5P
(ML145406-5P)
CASE 751G–02
18
9
16
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
10.15
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
10.45
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
0.400
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
0.411
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
1.27 BSC
0.050 BSC
-A-
-B-
P 8 PL
G 14 PL
-T-
D 16 PL
K
C
SEATING
PLANE
M
R X 45°
0.25 (0.010)
B
M
M
0.25 (0.010)
T A
B
M
S
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
F
J
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil-
ity, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the cus-
tomer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.


Số phần tương tự - MC145406P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145406P LANSDALE-MC145406P Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
More results

Mô tả tương tự - MC145406P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com