công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145162EP bảng dữ liệu(PDF) 8 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145162EP
Giải thích chi tiết về linh kiện  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162EP bảng dữ liệu(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML145162EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145162EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.lansdale.com
Page 8 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
Figure 8. Programming Format of the Control Register
NOTE: ENB must be high during the serial transfer.
ENB
CONTROL REGISTER IDENTIFIER = 1
REF PD
ENABLE
RxPD
ENABLE
TxPD
ENABLE
10
TEST
BIT
AUX
DATA
SELECT
CONTROL REGISTER DATA
Din
REF
OUT
MSB
LSB
CLK
3/ 4
Table 1. Control Register Function Bits Description
Test Bit
Set to 1 for Tx/Rx channel counter test mode
Set to 0 for normal application
Aux Data Select
Set to 1 for both ADin and Din pins inputting the transmit 16–bits data and receive 16–bits data
respectively.
Set to 0 for normal application interfacing with MCU serial peripheral interface. Does not use ADin pin;
tie ADin to VSS.
REFout 3/ 4 If set to 1, REFout output frequency is equal to OSCout 3.
If set to 0, REFout output is OSCout 4.
TxPD Enable
If set to 1, the transmit counter, transmit phase detector, and the associated circuitry is in power–
down mode.
Tx PS/fTx is set “High”.
RxPD Enable
If set to 1, the receive counter, receive phase detector, and the associated circuitry is in power–
down mode.
Rx PS/fRx is set “High”.
Ref PD Enable
If set to 1, both 12–bit and 14–bit reference frequency counters are in power–down mode.
Table 2. Control Register Power Down Bits Function
TxPD
Enable
RxPD
Enable
REF PD
Enable
Tx–Channel Counter
Rx–Channel Counter
Reference
Frequency Counter
0
0
0
0
0
1
Power Down
0
1
0
Power Down
0
1
1
Power Down
Power Down
1
0
0
Power Down
1
0
1
Power Down
Power Down
1
1
0
Power Down
Power Down
1
1
1
Power Down
Power Down
Power Down


Số phần tương tự - ML145162EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145162EP LANSDALE-ML145162EP Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
More results

Mô tả tương tự - ML145162EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com