công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145159 bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145159
Giải thích chi tiết về linh kiện  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145159 bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145159 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.lansdale.com
Page 1 of 10
Issue A
ML145159
Serial-Input PLL Frequency
Synthesizer with Analog Phase
Detector
Legacy Device: Motorola MC145159-1
The ML145159 has a programmable 14–bit reference
counter, as well as fully programmable
divide–by–N/divide–by–A counters. The counters are pro-
grammed serially through a common data input and
latched into the appropriate counter latch, according to the
last data bit (control bit) entered.
When combined with a loop filter and VCO, this device can
provide all the remaining functions for a PLL frequency syn-
thesizer operating up to the device's frequency limit. For high-
er VCO frequency operations, a down mixer or a dual–modu-
lus prescaler can be used between the VCO and the PLL.
• Operating Temperature Range: TA – 40° to 85°C
• Low Power Consumption Through Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Compatible with the Serial Peripheral Interface (SPI)
on CMOS MCUs
• ÷ R Range = 3 to 16383
• ÷ N Range = 16 to 1023, P A Range = 0 to 127
• High–Gain Analog Phase Detector
• See Application Note AN969
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
INTERFACES WITH DUAL–MODULUS PRESCALERS


Số phần tương tự - ML145159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159-6P LANSDALE-ML145159-6P Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159DW1 LANSDALE-ML145159DW1 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159P1 LANSDALE-ML145159P1 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159RP LANSDALE-ML145159RP Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Mô tả tương tự - ML145159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com