công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145159 bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145159
Giải thích chi tiết về linh kiện  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145159 bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML145159 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.lansdale.com
Page 3 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145159
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS except ICR and IAPD which are referenced to VSS′)
– 40
°C
25
°C
85
°C
Characteristic
Symbol
VDD
Min
Max
Min
Max
Min
Max
Unit
Power Supply Voltage Range
VDD
3
9
3
9
3
9
V
Output Voltage
0 Level
Vin = 0 V or VDD
Iout = 0 µA
VOL
3
5
9
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
(Except OSCout and APDout)
1 Level
VOH
3
5
9
2.95
4.95
8.95
2.95
4.95
8.95
2.95
4.95
8.95
Output Voltage
0 Level
OSCout
Vin = 0 V or VDD
VOL
3
5
9
0.9
1.5
2.7
0.9
1.5
2.7
0.9
1.5
2.7
V
1 Level
VOH
3
5
9
2.1
3.5
6.3
2.1
3.5
6.3
2.1
3.5
6.3
∆Voltage, VCH – VAPDout, IAPDout ≈ 0 µA
∆V
1.05
V
Input Voltage
0 Level
Vout = 0.5 V or VDD – 0.5 V
(All Outputs Except OSCout)
VIL
3
5
9
0.9
1.5
2.7
0.9
1.5
2.7
0.9
1.5
2.7
V
1 Level
VIH
3
5
9
2.1
3.5
6.3
2.1
3.5
6.3
2.1
3.5
6.3
Input Voltage* — OSCin
VO = 2.1 V or 0.9 V
0 Level
VO = 3.5 V or 1.5 V
VO = 6.3 V or 2.7 V
VIL
3
5
9
0
0
0
0
0
0
0
0
0
V
1 Level
VO = 0.9 V or 2.1 V
VO = 1.5 V or 3.5 V
VO = 2.7 V or 6.3 V
VIH
3
5
9
3.0
5.0
9.0
3.0
5.0
9.0
3.0
5.0
9.0
V
Output Current — MC
Vout = 2.7 V
Source
Vout = 4.6 V
Vout = 8.5 V
IOH
3
5
9
– 0.60
– 0.90
– 1.50
– 0.50
– 0.75
– 1.25
– 0.30
– 0.50
– 0.80
mA
Vout = 0.3 V
Sink
Vout = 0.4 V
Vout = 0.5 V
IOL
3
5
9
1.30
1.90
3.80
1.10
1.70
3.30
0.66
1.08
2.10
Output Current, CR, VCR = 4.5 V, RR = 240 k
ICR
9
– 90
– 110
µA
Output Current, APDout
RO = 240 k, VCH = 0 V, VAPDout = 4.5 V
IAPD
9
170
350
µA
Output Current — Other Outputs
Vout = 2.7 V
Source
Vout = 4.6 V
Vout = 8.5 V
IOH
3
5
9
– 0.44
– 0.64
– 1.30
– 0.35
– 0.51
– 1.00
– 0.22
– 0.36
– 0.70
mA
Vout = 0.3 V
Sink
Vout = 0.4 V
Vout = 0.5 V
IOL
3
5
9
0.44
0.64
1.30
0.35
0.51
1.00
0.22
0.36
0.70
Input Current — Data, CLK, ENB
Iin
9
± 0.3
± 0.1
± 1.0
µA
Input Current — fin, OSCin
Iin
9
± 2
± 50
± 2
± 25
± 2
± 22
µA
Input Capacitance
Cin
10
10
10
pF
Three–State Output Capacitance — FSO
Cout
10
10
10
pF
Quiescent Current
Vin = 0 V or VDD
Iout = 0 µA
IDD
3
5
9
800
1200
1600
800
1200
1600
1600
2400
3200
µA
Three–State Leakage Current, Vout = 0 V or 9 V
IOZ
9
± 0.3
± 0.1
± 3.0
µA
* DC coupled square wave.


Số phần tương tự - ML145159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159-6P LANSDALE-ML145159-6P Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159DW1 LANSDALE-ML145159DW1 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159P1 LANSDALE-ML145159P1 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145159RP LANSDALE-ML145159RP Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Mô tả tương tự - ML145159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com