công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145152 bảng dữ liệu(PDF) 7 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145152
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145152 bảng dữ liệu(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML145152 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145152 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.lansdale.com
Page 7 of 35
Issue A
their respective programmed values, and the above sequence
repeated. This provides for a total programmable divide value
(NT)=N•P+A where P and P + 1 represent the dual–modulus
prescaler divide values respectively for high and low MC lev-
els, N the number programmed into the ÷ N counter, and A the
number programmed into the ÷ A counter.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same
phase and frequency). Pulses low when loop is out of lock.
POWER SUPPLY
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range from
+ 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually-
ground.
LANSDALE Semiconductor, Inc.
ML145152
TYPICAL APPLICATIONS
Figure 1. Synthesizer for Land Mobile Radio VHF Bands
NOTES:
1. Off–chip oscillator optional.
2. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter
Design page for additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful
not to exceed the common mode input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
10.24 MHz
NOTE 1
R1
MC33171
NOTE 2
+
150 – 175 MHz
5 kHz STEPS
ML12017
÷ 64/65 PRESCALER
ML145152
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING


Số phần tương tự - ML145152

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145152 LANSDALE-ML145152 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
More results

Mô tả tương tự - ML145152

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com