công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML145050 bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc. |
|
ML145050 bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc. |
1 / 15 page www.lansdale.com Page 1 of 15 ML145050 ML145051 10-Bit A/D Converter with Serial Interface - CMOS Legacy Device: Motorola MC145050, MC145051 These ratio metric 10-bit ADCs have serial interface ports to provide communication with MCUs and MPUs. Either a 10- or 16-bit format can be used. The 16-bit format can be one continuous 16-bit stream or two intermittent 8-bit streams. The converters operate from a single power supply with no external trimming required. Reference voltages down to 4.0 V are accommodated. The ML145050 has the same pin out as the 8-bit ML145040 which allows an external clock (ADCLK) to operate the dynamic A/D con- version sequence. The ML145051 has the same pin out as the 8-bit ML145041 which has an internal clock oscillator and an end-of-con- version (EOC) output. • 11 Analog Input Channels with Internal Sample-and-Hold • Operating Temperature Range: – 40 to 125°C • Successive Approximation Conversion Time: ML145050 – 21 µs (with 2.1 MHz ADCLK) ML145051 – 44 µs Maximum • Maximum Sample Rate: ML145050 – 38 ks/s ML145051 – 20.4 ks/s • Analog Input Range with 5-Volt Supply: 0 to 5 V • Monotonic with No Missing Codes • Direct Interface to Motorola SPI and National MICROWIRE Serial Data Ports • Digital Inputs/Outputs are TTL, NMOS, and CMOS Compatible • Low Power Consumption: 14 mW • Chip Complexity: 1630 Elements (FETs, Capacitors, etc.) • See Application Note AN1062 for Operation with QSPI MICROWARE is A Trademark Of National Semiconductor Corp. P DIP 20 = RP PLASTIC CASE 738 SO 20W = -6P SOG CASE 751D CROSS REFERENCE/ORDERING INFORMATION MOTOROLA P DIP 20 MC145050P ML145050RP SOG 20W MC145050DW ML145050-6P P DIP 20 MC145051P ML145051RP SOG 20W MC145051DW ML145051-6P LANSDALE PACKAGE Note: Lansdale lead free (Pb) product, as it becomes available, will be identified by a part number prefix change from ML to MLE. PIN ASSIGNMENT AN5 AN3 AN2 AN1 AN0 VSS AN8 AN7 AN6 AN4 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 Dout Din SCLK * VDD AN9 AN10 VAG Vref CS *ADCLK (ML145050); EOC (ML145051) Issue B |
Số phần tương tự - ML145050 |
|
Mô tả tương tự - ML145050 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |