công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3356DW bảng dữ liệu(PDF) 5 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC3356DW
Giải thích chi tiết về linh kiện  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC3356DW bảng dữ liệu(HTML) 5 Page - LANSDALE Semiconductor Inc.

  MC3356DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC3356DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.lansdale.com
Page 5 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
Figure 6. Application with Self–Adjusting Bias on Data Shaper
RF In
1:2
0.01
20
19
18
17
16
15
14
13
12
11
Data
Out
5.0 V
10 k
Car. Det. Out
0 V or 4.0 V
3.3 k
130 k
3.3 k
470
pF
15 k
18 k
150 pF
RF Input
Ground
Data
Output
Comp(+) Comp(–) Squelch
Status
Squelch
Control
Demod
Out
Demod
Filter
Quad
Input
1
470 k
470 pF
47 k
47 k
0.1
0.1
f = 10.7
1.5 µH
APPLICATION NOTES (continued)
Depending on the external circuit, inverted or noninverted
data is available at Pin 18. Inverted data makes the higher fre-
quency in the FSK signal a “one” when the local oscillator is
above the incoming RF. Figure 5 schematic shows the com-
parator with hysteresis. In this circuit the DC reference volt-
age at Pin 17 is about the same as the demodulated output
voltage (Pin 13) when no signal is present. This type circuit is
preferred for systems where the data rates can drop to zero.
Some systems have a low frequency limit on the data rate,
such as systems using the MC3850 ACIA that has a start or
stop bit. This defines the low frequency limit that can appear
in the data stream. Figure 5 circuit can then be changed to a
circuit configuration as shown in Figure 6. In Figure 6 the ref-
erence voltage for the comparator is derived from the demodu-
lator output through a low pass circuit where τ is much lower
than the lowest frequency data rate. This and similar circuits
will compensate for small tuning changes (or drift) in the
quadrature detector.
Squelch status (Pin 15) goes high (squelch off) when the
input signal becomes greater than some preset level set by the
resistance between Pin 14 and ground. Hysteresis is added to
the circuit externally by the resistance from Pin 14 to Pin 15.
Legacy Applications Information


Số phần tương tự - MC3356DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC3356DW LANSDALE-MC3356DW Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356DW MOTOROLA-MC3356DW Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results

Mô tả tương tự - MC3356DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com