công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML33111 bảng dữ liệu(PDF) 5 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML33111
Giải thích chi tiết về linh kiện  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 bảng dữ liệu(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML33111 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.lansdale.com
Page 5 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
TEMPERATURE PERFORMANCE (Typical performance based on device characterization, not guaranteed.)
Characteristic
– 40
°C
+25
°C
+ 85
°C
Power Supply Current
@ VCC = 3.6 V
1.2 mA
1.5 mA
1.6 mA
@ VCC = 7.0 V
1.4 mA
1.7 mA
1.9 mA
Reference Voltage (Vb)
1.495 V
1.5 V
1.505 V
0 dB Gain (Vin = 100 mVrms) — Compressor
0.08 dB
0 dB
– 0.04 dB
0 dB Gain (Vin = 100 mVrms) — Expander
0.04 dB
0 dB
– 0.03 dB
Total Harmonic Distortion (Vin = 100 mVrms) — Compressor
0.3%
0.2%
0.2%
Total Harmonic Distortion (Vin = 100 mVrms) — Expander
0.3%
0.2%
0.16%
Gain Tracking Relative to 0 dB Gain — Compressor
Vin = 1.0 Vrms
10.8 dB
10 dB
10 dB
Vin = 1.0 mVrms
–19.95 dB
– 20 dB
– 20.1 dB
Gain Tracking Relative to 0 dB Gain — Expander
Vin = 316 mVrms
18.6 dB
20 dB
19.95 dB
Vin = 10 mVrms
– 40.2 dB
– 40 dB
– 39.9 dB
Muting (
∆ Gain) with Pin 4 = High (Vin = 1.0 Vrms) — Compressor
68 dB
67 dB
66 dB
Muting (
∆ Gain) with Pin 12 = High (Vin = 0.316 Vrms) — Expander
76 dB
76 dB
75 dB
Figure 1. Mute Timing
Figure 2. Passthrough Timing
Compressor
or Expander
Output
Compressor
or Expander
Mute Input
tCMHL
tEMHL
tEMLH
tCMLH
Expander
Output
Compressor
Output
Passthrough
Input


Số phần tương tự - ML33111

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111EP LANSDALE-ML33111EP Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Mô tả tương tự - ML33111

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com