công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML1490 bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML1490
Giải thích chi tiết về linh kiện  RF/IF/Audio Amplifier Wideband Amplifier With AGC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1490 bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML1490 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML1490 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
Issue A
ML1490
RF/IF/Audio Amplifier
Wideband Amplifier With AGC
Legacy Device: Motorola MC1490
The ML1490 is an integrated circuit featuring
wide–range AGC for use in RF/IF amplifiers and audio
amplifiers.
• High Power Gain:
50 dB Typ at 10 MHz
45 dB Typ at 60 MHz
35 dB Typ at 100 MHz
• Wide Range AGC: 60 dB Min, DC to 60 MHz
• 6.0 V to 15 V Operation, Single Polarity Supply
• Operating Temperature Range TA = –40° to +85°C
Note: See Similar ML1350 For Possible Option
P DIP 8 = PP
PLASTIC PACKAGE
CASE 626
1
8
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 8
MC1490P
ML1490PP
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN CONNECTIONS
1
2
3
4
8
7
6
5
Output
(–)
VCC
GND
Inverting
Input
Output
(+)
Substrate
Ground
Noninverting
Input
AGC
Input
(Top View)
–+
SCATTERING PARAMETERS
(VCC = +12 Vdc, TA = +25°C, Zo = 50 Ω)
f = MHz
Typ
Parameter
Symbol
30
60
Unit
Input
Reflection
Coefficient
|S11|
θ11
0.95
–7.3
0.93
–16
deg
Output
Reflection
Coefficient
|S22|
θ22
0.99
–3.0
0.98
–5.5
deg
Forward
Transmission
Coefficient
|S21|
θ21
16.8
128
14.7
64.3
deg
Reverse
Transmission
Coefficient
S12
θ12
0.00048
84.9
0.00092
79.2
deg
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
+18
Vdc
AGC Supply
VAGC
VCC
Vdc
Input Differential Voltage
VID
5.0
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Representative Schematic Diagram
Pins 3 and 7 should both be connected to circuit ground.
1
2
3
4
5
6
7
8
Inputs
Outputs
VCC
(+)
(–)
(+)
VAGC
70
470
200
200
1.1 k
1.5 k
12.1 k
5.5 k
1.4 k
2.8 k
45
1.9k
5.6 k
8.4 k
66
5.0 k
470
5.0 k
1.1 k
200
(–)
Substrate
2.8 k


Số phần tương tự - ML1490

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490PP LANSDALE-ML1490PP Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results

Mô tả tương tự - ML1490

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
List of Unclassifed Man...
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com