công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79L05BP bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện MC79L05BP
Giải thích chi tiết về linh kiện  Three-Terminal Low Current Negative Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC79L05BP bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  MC79L05BP Datasheet HTML 1Page - Micro Commercial Components MC79L05BP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC79L05BP
Three-Terminal Low
Current Negative
Voltage Regulator
Features
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
Vi
-
30
V
Operating Junction Temperature
TOPR
-30---+75
oC
Storage Temperature Range
TSTG
-40---+125
oC
Electrical Characteristics( V i=10V, IO=40mA, 0 oC <Tj<125 oC,
C1=0.33uF, CO=0.1uF, unless otherwise specified)
Parameter
Sym
Min
Typ
Max
Test conditions
Output
Voltage
V0
-
4.8V
-5.0V
-5.2V
Vi=-10V, IO=40mA
Load
Regulation
Vo -IO
7.0mV
60mV
Io=1mA-100mA,
Vi=-10V
Line
regulation
Vo -Vi
15mV
150mV
-7V
Vi
-20V, IO=40mA
Quiescent
Current
Iq
3.5mA
6.0mA
Vi=-10V, IO=40mA
Output Noise
Voltage
VN
120
µV
10Hz
f
100KHz
Vi=-10V, IO=40mA
Ripple
Rejection
RR
41dB
71dB
-8V
V1
-18V,
IO=40mA
f=120Hz, Tj=25
oC
eiN=1VP-P
*Note: Bypass Capacitors are recommended for optimum stability and
transient response and should be located as close as possible to the
regulators
MC79L05BP
Input
Cin
0.33µF
CO
Output
0.1µF
Typical Application:
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components





















www.mccsemi.com
1 of 2
Revision: D
2013/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
2
3
1
2
3
1
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
1. OUT
2. GND
3. IN
Halogen free available upon request by adding suffix "-HF"


Số phần tương tự - MC79L05BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
MC79L05BP MCC-MC79L05BP Datasheet
644Kb / 1P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L05BP MCC-MC79L05BP Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05BP MCC-MC79L05BP Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05BP-AP MCC-MC79L05BP-AP Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05BP-AP MCC-MC79L05BP-AP Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results

Mô tả tương tự - MC79L05BP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_13 Datasheet
232Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_09 Datasheet
132Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15F MCC-MC78L15F Datasheet
174Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP_11 Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L15BP MCC-MC79L15BP Datasheet
478Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com