công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV315AT bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện OPV315AT
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV315AT bảng dữ liệu(HTML) 1 Page - TT Electronics.

  OPV315AT Datasheet HTML 1Page - TT Electronics. OPV315AT Datasheet HTML 2Page - TT Electronics. OPV315AT Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPV315AT, OPV315YBT
© TT electronics plc
Issue B
11/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPV315AT is a high performance 850nm VCSEL packaged for high speed communication links. OPV315AT combines all
the performance advantages of a VCSEL with the addition of a power monitor diode for precise control of optical power.
The OPV314YBT is identical electrically and optically and differ only in pin out. Refer to mechanical drawings for details.
This product’s combination of features including high speed, high output power and concentric beam makes it an ideal
transmitter for integration into all types of data communications equipment.
Applications:
Fiber channel
Gigabit Ethernet
ATM
VSR (very short reach)
Intra-system links applications
Optical backplane interconnects
Features:
850 nm VCSEL technology
High thermal stability
Up to 2.5 Gbps
Recommended for multimode fiber applications
Microbead lens
Pin out and attenuation options available upon request
Burned in for communication level reliability
High optical coupling to MM fiber
ST style receptacle


Số phần tương tự - OPV315AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV315AT OPTEK-OPV315AT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
More results

Mô tả tương tự - OPV315AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OPV314F TTELEC-OPV314F Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV314AT TTELEC-OPV314AT Datasheet
786Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
logo
OPTEK Technologies
OPV315 OPTEK-OPV315_14 Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV214T OPTEK-OPV214T Datasheet
168Kb / 4P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
logo
TT Electronics.
OPV300 TTELEC-OPV300 Datasheet
849Kb / 7P
   Vertical Cavity Surface Emitting Laser
logo
OPTEK Technologies
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
   Vertical Cavity Surface Emitting Laser
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com