công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV330 bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện OPV330
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV330 bảng dữ liệu(HTML) 1 Page - TT Electronics.

  OPV330 Datasheet HTML 1Page - TT Electronics. OPV330 Datasheet HTML 2Page - TT Electronics. OPV330 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPV330
© TT electronics plc
Issue A
09/2016
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPV330 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a flat lens lateral package. VCSELs offer many
advantages in sensing applications when compared to infrared LEDs. These devices require substantially lower drive
currents to obtain the same amount of output power as LEDs. This feature allows VCSELs to be used in low power
consumption applications such as battery operated equipment.
The flat lens packaging allows the device to be used with secondary optics to create custom beam profiles. The OPV330 is
optically and spectrally compatible with Optek’s standard detector products such as the OP550 series phototransistors,
OP530 series photodarlingtons and the OP900 series photodiodes.
Applications:
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Features:
850 nm VCSEL technology
High thermal stability
Low drive current
High output power
Narrow beam angle
Additional laser safety information can be found on the
Optek website. See application bulletin #221.
Classification is not marked on the device due to space
limitations. See package outline for centerline of optical
radiance. Operating devices beyond maximum rating may
result in hazardous radiation exposure.
1
2
VCSEL
Emission
Surface
Pb
RoHS


Số phần tương tự - OPV330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV330 OPTEK-OPV330 Datasheet
220Kb / 2P
   Vertical Cavity Surface Emitting Laser in T-1 Package
OPV330 OPTEK-OPV330_14 Datasheet
164Kb / 2P
   Vertical Cavity Surface Emitting Laser in T-1 Package
More results

Mô tả tương tự - OPV330

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV332 OPTEK-OPV332 Datasheet
222Kb / 2P
   Vertical Cavity Surface Emitting Laser in T-1 Package
OPV332 OPTEK-OPV332_14 Datasheet
194Kb / 2P
   Vertical Cavity Surface Emitting Laser in T-1 Package
OPV330 OPTEK-OPV330_14 Datasheet
164Kb / 2P
   Vertical Cavity Surface Emitting Laser in T-1 Package
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com