công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV322 bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện OPV322
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Lateral Pill Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV322 bảng dữ liệu(HTML) 1 Page - TT Electronics.

  OPV322 Datasheet HTML 1Page - TT Electronics. OPV322 Datasheet HTML 2Page - TT Electronics. OPV322 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPV322
© TT electronics plc
Issue B
08/2017
Page 1
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPV322 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a dome lens pill package. VCSEL offer many
advantages in sensing applications when compared to infrared LEDs. These devices require substantially lower drive
currents to obtain the same amount of output power as LEDs. This feature allows VCSELs to be used in low power
consumption applications such as battery operated equipment.
The dome lens packaging creates a narrow beam angle from the device. Long distance applications may benefit from this
feature as secondary optics may be eliminated, reducing total system cost. The OPV322 is optically and spectrally
compatible with Optek’s standard detector products such as the OP600 series phototransistors, OP300 series
photodarlingtons and the OP900 series photodiodes.
Applications:
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Features:
850 nm VCSEL technology
High thermal stability
Low drive current
High output power
Narrow beam angle
EMISSION DIRECTION
Additional laser safety information can be
found on the Optek website. See application
bulletin #221.
Classification is not marked on the device
due to space limitations. See package out-
line for centerline of optical radiance. Oper-
ating devices beyond maximum rating may
result in hazardous radiation exposure.
1
2
VCSEL
Pb
RoHS


Số phần tương tự - OPV322

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322_14 Datasheet
156Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results

Mô tả tương tự - OPV322

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
TT Electronics.
OPV320 TTELEC-OPV320 Datasheet
185Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
logo
OPTEK Technologies
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322_14 Datasheet
156Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV320 OPTEK-OPV320 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV322 OPTEK-OPV322 Datasheet
204Kb / 2P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com