công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145041-6P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145041-6P
Giải thích chi tiết về linh kiện  8-Bit A/D Converters With Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145041-6P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145041-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145041-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.lansdale.com
Page 1 of 12
Issue A
ML145040
ML145041
8-Bit A/D Converters With
Serial Interface
Legacy Device: Motorola MC145040, MC145041
The ML145040 and ML145041 are low-cost 8-bit A/D Converters with
serial interface ports to provide communication with microprocessors and
microcomputers. The converters operate from a single power supply with a
maximum nonlinearity of ± 1/2 LSB over the full temperature range. No
external trimming is required.
The ML145040 allows an external clock input (A/D CLK) to operate the
dynamic A/D conversion sequence. The ML145041 has an internal clock
and an end–of–conversion signal (EOC) is provided.
• Operating Voltage Range: VDD = 4.5 to 5.5 Volts
• Successive Approximation Conversion Time:
ML145040 – 10 µs (with 2 MHz A/D CLK)
ML145041 – 20 µs Maximum (Internal Clock)
• 11 Analog Input Channels with Internal Sample and Hold
• 0- to 5-Volt Analog Input Range with Single 5-Volt Supply
• Ratiometric Conversion
• Separate Vref and VAG Pins for Noise Immunity
• Wide Vref Range
• No External Trimming Required
• Direct Interface to Motorola SPI and National
MICROWIRE Serial Data Ports
• TTL/NMOS–Compatible Inputs May be Driven with CMOS
• Outputs are CMOS, NMOS or TTL Compatible
• Very Low Reference Current Requirements
• Low Power Consumption: 11 mW
• Internal Test Mode for Self Test
P DIP 20 = RP
PLASTIC
CASE 738
CERAMIC
CASE 732
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 20
MC145040P
ML145040RP
SO 20W
MC145040DW
ML145040-6P
P DIP 20
MC145041P
ML145041RP
SO 20W
MC145041DW
ML145041-6P
LANSDALE
PACKAGE
SO 20W = -6P
SOG
CASE 751D
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
Silicon-Gate CMOS
SEMICONDUCTOR TECHNICAL DATA


Số phần tương tự - ML145041-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145041-6P LANSDALE-ML145041-6P Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
More results

Mô tả tương tự - ML145041-6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Microchip Technology
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com