công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144111DW bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC144111DW
Giải thích chi tiết về linh kiện  Digital?뱓o?밃nalog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC144111DW bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC144111DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
ML144110
ML144111
Digital–to–Analog Converters
with Serial Interface
Legacy Device: Motorola/Freescale MC144110, MC144111
The ML144110 and ML144111 are low–cost 6–bit D/A converters with
serial interface ports to provide communication with CMOS microproces-
sors and microcomputers. The ML144110 contains six static D/A convert-
ers; the ML144111 contains four converters.
Due to a unique feature of these DACs, the user is permitted easy scaling
of the analog outputs of a system. Over a 5 to 15 V supply range, these
DACs maybe directly interfaced to CMOS MPUs operating at 5 V.
• Direct R–2R Network Outputs
• Buffered Emitter–Follower Outputs
• Serial Data Input
• Digital Data Output Facilitates Cascading
• Direct Interface to CMOS µP
• Wide Operating Voltage Range: 4.5 to 15 V
• Wide Operating Temperature Range: TA = 0 to 85°C
• Software Information is Contained in Document M68HC11RM/AD
BLOCK DIAGRAM
* Transparent Latch
Din
CLK
ENB
*
C
D
6–BIT SHIFT REGISTER
HEX LATCH
HEX BUFFER (INVERTING)
Dout
Qn
OUT
Rn
OUT
R
R
R
R
R
2R
2R
2R
2R
2R
2R
R1 OUT
VDD
Q1 OUT
2R
C
P DIP 18 = VP
PLASTIC DIP
CASE 707
SO 20W = -6P
SOG PACKAGE
CASE 751D
P DIP 14 = CP
PLASTIC DIP
CASE 646
SO 16W = -5P
SOG PACKAGE
CASE 751G
MC144110
MC144111
18
1
20
1
14
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 18
MC144110P
ML144110VP
SO 20W
MC144110DW
ML144110-6P
P DIP 14
MC144111P
ML144111CP
SO 16W
MC144111DW
ML144111-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
CMOS LSI
C
DQ
Issue A


Số phần tương tự - MC144111DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC144111DW LANSDALE-MC144111DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144111DW FREESCALE-MC144111DW Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results

Mô tả tương tự - MC144111DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com