công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144111DW bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC144111DW
Giải thích chi tiết về linh kiện  Digital?뱓o?밃nalog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC144111DW bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC144111DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC144111DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
MAXIMUM RATINGS* (Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
DC Input Current, per Pin
I
±
10
mA
Power Dissipation (Per Output)
TA = 70°C, MC144110
MC144111
TA = 85°C, MC144110
MC144111
POH
30
50
10
20
mW
Power Dissipation (Per Package)
TA = 70°C, MC144110
MC144111
TA = 85°C, MC144110
MC144111
PD
100
150
25
50
mW
Storage Temperature Range
Tstg
– 65 to + 150
°
C
* Maximum Ratings are those values beyond which damage to the device may occur.
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS, TA = 0 to 85°C unless otherwise indicated)
Symbol
Parameter
Test Conditions
VDD
Min
Max
Unit
VIH
High–Level Input Voltage (Din, ENB, CLK)
5
10
15
3.0
3.5
4
V
VIL
Low–Level Input Voltage (Din, ENB, CLK)
5
10
15
0.8
0.8
0.8
V
IOH
High–Level Output Current (Dout)
Vout = VDD – 0.5 V
5
– 200
µ
A
IOL
Low–Level Output Current (Dout)
Vout = 0.5 V
5
200
µ
A
IDD
Quiescent Supply Current
ML144110
ML144111
Iout = 0 µA
15
15
12
8
mA
Iin
Input Leakage Current (Din, ENB, CLK)
Vin = VDD or 0 V
15
±
1
µ
A
Vnonl
Nonlinearity Voltage (Rn Out)
See Figure 1
5
10
15
100
200
300
mV
Vstep
Step Size (Rn Out)
See Figure 2
5
10
15
19
39
58
137
274
411
mV
Voffset Offset Voltage from VSS
Din = $00, See Figure 1
1
LSB
IE
Emitter Leakage Current
VRn Out = 0 V
15
10
µ
A
hFE
DC Current Gain
IE = 0.1 to 10.0 mA
TA = 25°C
40
VBE
Base–to–Emitter Voltage Drop
IE = 1.0 mA
0.4
0.7
V
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields; however, it is ad-
vised that precautions be taken to avoid
application of voltage higher than maximum
rated voltages to this high–impedance circuit.
For proper operation it is recommended that
VinandVoutbeconstrainedtotherangeVSS≤
(Vin or Vout) ≤VDD.
Unused inputs must always be tied to an
appropriatelogic voltage level (e.g., either VSS
or VDD).
Issue A


Số phần tương tự - MC144111DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC144111DW LANSDALE-MC144111DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144111DW FREESCALE-MC144111DW Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results

Mô tả tương tự - MC144111DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com