công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145053D bảng dữ liệu(PDF) 11 Page - LANSDALE Semiconductor Inc. |
|
MC145053D bảng dữ liệu(HTML) 11 Page - LANSDALE Semiconductor Inc. |
11 / 15 page www.lansdale.com Page 11 of 15 Issue A ML145053 LANSDALE Semiconductor, Inc. DESCRIPTION This example application of the ML145053 ADC interfaces four analog signals to a microprocessor. Figure 15 illustrates how the ML145053 is used as a cost effective means to simplify this type of circuit design. Utilizing one ADC, four analog inputs are interfaced to a CMOS or NMOS microprocessor with a serial peripheral interface (SPI) port. Processors with National Semiconductor's MICROWIRE serial port may also be used. Full duplex operation optimizes throughput for this system. DIGITAL DESIGN CONSIDERATIONS Motorola's MC68HC05C4 CMOS MCU may be chosen to reduce power supply size and cost. The NMOS MCUs may be used if power consumption is not critical. A VDD or VSS 0.1 µF bypass capacitor should be closely mounted to the ADC. The ML145053 has the end-of-conversion (EOC) signal at output pin 1 to define when data is ready. ANALOG DESIGN CONSIDERATIONS Analog signal sources with output impedances of less than 1 kΩ may be directly interfaced to the ADC, eliminating the need for buffer amplifiers. Separate lines connect the Vref and VAG pins on the ADC with the controllers to provide isolation from system noise. Although not indicated in Figure 15, the Vref and sensor out- put lines may need to be shielded, depending on their length and electrical environment. This should be verified during pro- totyping with an oscilloscope. If shielding is required, a twist- ed pair or foil-shielded wire (not coax) is appropriate for this low frequency application. One wire of the pair or the shield must be VAG. A reference circuit voltage of 5 volts is used for the applica- tion shown in Figure 15. However, the reference circuitry may be simplified by tying VAG to system ground and Vref to the system's positive supply. (See Figure 16.) A bypass capacitor of approximately 0.22 µF across theVref and VAG pins is recommended. These pins are adjacent on the ADC package which facilitates mounting the capacitor very close to the ADC. SOFTWARE CONSIDERATIONS The software flow for acquisition is straight forward. The four analog inputs, AN0 through AN3, are scanned by reading the analog value of the previously addressed channel into the MCU and sending the address of the next channel to be read to the ADC, simultaneously. The designer utilizing the ML145053 has the end-of-con- version signal (at pin 1) to define the conversion interval. EOC may be used to generate an interrupt, which is serviced by reading the serial data from the ADC. The software flow should then process and format the data. When this ADC is used with a 16-bit (2-byte) transfer, there are two types of offsets involved. In the first type of offset, the channel information sent to the ADCs is offset by 12 bits. That is, in the 16-bit stream, only the first 4 bits (4 MSBs) contain the channel information. The balance of the bits are don't cares. This results in 3 don't-care nibbles, as shown in Table 2. The second type of offset is in the conversion result returned from the ADC; this is offset by 6 bits. In the 16-bitstream, the first 10 bits (10 MSBs) contain the conversion result. The last 6 bits are zeroes. The hexadecimal result is shown in the first column of Table 3. The second column shows the result after the offset is removed by a micro-processor routine. If the 16- bit format is used, the ADC can transfer one continuous 16-bit stream or two intermittent 8-bitstreams. Legacy Applications Information |
Số phần tương tự - MC145053D |
|
Mô tả tương tự - MC145053D |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |