công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145053D bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145053D
Giải thích chi tiết về linh kiện  10-Bit A/D Converter With Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145053D bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC145053D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145053D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.lansdale.com
Page 1 of 15
Issue A
ML145053
10-Bit A/D Converter With
Serial Interface
CMOS
Legacy Device: Motorola MC145053
This ratiometric 10-bit ADC has a serial interface port to provide commu-
nication with MCUs and MPUs. Either a 10- or 16-bit format can be used.
The16-bit format can be one continuous 16-bit stream or two intermittent 8-
bit streams. The converter operates from a single power supply with no exter-
nal trimming required. Reference voltages down to 4.0 V are accommodated.
The ML145053 has an internal clock oscillator to operate the dynamic A/D
conversion sequence and an end-of-conversion (EOC) output.
• 5 Analog Input Channels with Internal Sample-and-Hold
• Operating Temperature Range: TA – 40 to 125°C
• Successive Approximation Conversion Time: 44 µs Maximum
• Maximum Sample Rate: 20.4 ks/s
• Analog Input Range with 5-Volt Supply: 0 to 5 V
• Monotonic with No Missing Codes
• Direct Interface to Motorola SPI and National MICROWIRE
Serial DataPorts
• Digital Inputs/Outputs are TTL, NMOS, and CMOS Compatible
• Low Power Consumption: 14 mW
• Chip Complexity: 1630 Elements (FETs, Capacitors, etc.)
• See Application Note AN1062 for Operation with QSPI
BLOCK DIAGRAM
MICROWIRE is a trademark of National Semiconductor Corp.
MUX OUT
10–BIT RC DAC
WITH SAMPLE AND HOLD
MUX ADDRESS
REGISTER
DATA REGISTER
DIGITAL CONTROL
LOGIC
ANALOG
MUX
INTERNAL
TEST
VOLTAGES
AN0
AN1
AN2
AN3
AN4
AN5
2
3
4
5
6
12
11
10
13
1
AN6
AN7
Din
Dout
CS
SCLK
EOC
SUCCESSIVE APPROXIMATION
REGISTER
AUTO–ZEROED
COMPARATOR
PIN 14 = VDD
PIN 7 = VSS
Vref
VAG
98
P DIP 14 = CP
PLASTIC
CASE 646
SOG 14 = -5P
SOG
CASE 751A
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 14
MC145053P
ML145053CP
SOG 14
MC145053D
ML145053-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN ASSIGNMENT
EOC
AN0
AN1
AN2
AN3
AN4
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
SCLK
Din
Dout
CS
Vref
VAG


Số phần tương tự - MC145053D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145053D LANSDALE-MC145053D Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
logo
Motorola, Inc
MC145053D MOTOROLA-MC145053D Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
More results

Mô tả tương tự - MC145053D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950 TI-UCC5950 Datasheet
206Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Microchip Technology
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com