công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145106P bảng dữ liệu(PDF) 5 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145106P
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P bảng dữ liệu(HTML) 5 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.lansdale.com
Page 5 of 8
LANSDALE Semiconductor, Inc.
ML145106
Figure 3. Single Crystal CB Synthesizer Featuring On–Frequency VCO During Transmit
26.965 – 27.405 MHz
(TRANSMIT)
26.510 – 26.950 MHz
(RECEIVE)
RECEIVER 1ST
LOCAL OSC SIGNAL
TO RECEIVER
2ND MIXER
25.6 MHz
X 5
MIXER
16.270 – 16.710 MHz
10.24 MHz
MIXER
BUFFER
GND
VDD
5.0 kHz
BUFFER
VCO
LOOP
FILTER
PHASE
DETECTOR
LD
R/T
SWITCH WAFERS
ML145106
PROGRAMMABLE
DIVIDER
29/210
2
OSC
10.24
MHz
1.365 – 1.805 MHz (TRANSMIT)
0.91 – 1.35 MHz (RECEIVE)
Legacy Applications Information
PLL SYNTHESIZER APPLICATIONS
The ML145106 is well suited for applications in CB radios
because of the channelized frequency requirements. A typical
40 channel CB transceiver synthesizer, using a single crystal
reference, is shown in Figure 3 for receiver IF values of 10.695
MHz and 455 kHz.
In addition to applications in CB radios, the MC145106 can
be used as a synthesizer for several other systems. Various fre-
quency spectrums can be achieved through the use of proper
offset, prescaling, and loop programming techniques. In gener-
al, 300 – 400 channels can be synthesized using a single loop,
with many additional channels available when multiple loop
approaches are employed. Figures 4 and 5 are examples of
some possibilities.
In the aircraft synthesizer of Figure 5, the VHF loop (top)
will provide a 50 kHz, 360 channel system with 10.7 MHz R/T
offset when only the 11.0500 MHz (transmit) and 12.1200
MHz (receive) frequencies are provided to mixer #1. When
these signals are provided with crystal oscillators, the result is
a three crystal 360 channel, 50 kHz step synthesizer. When
using the offset loop (bottom) in Figure 5 to provide the indi-
cated injection frequencies for mixer #1 (two for transmit and
two for receive) 360 additional channels are possible. This
results in a 720–channel, 25 kHz step synthesizer which
requires only two crystals and provides R/T offset capability.
The receive offset value is determined by the 11.31 MHz crys-
tal frequency and is 10.7 MHz for the example.
The VHF marine synthesizer in Figure 4 depicts a single
loop approach for FM transceivers. The VCO operates on fre-
quency during transmit and is offset downward during receive.
The offset corresponds to the receive IF (10.7 MHz) for chan-
nels having identical receive/transmit frequencies (simplex),
and is (10.7 – 4.6 = 6.1) MHz for duplex channels. Carrier
modulation is introduced in the loop during transmit.
Issue b


Số phần tương tự - MC145106P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
More results

Mô tả tương tự - MC145106P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com