công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144110P bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC144110P
Giải thích chi tiết về linh kiện  Digital?뱓o?밃nalog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC144110P bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

  MC144110P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC144110P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
PIN DESCRIPTIONS
INPUTS
Din
Data Input
Six–bit words are entered serially, MSB first, into digital
data input, Din. Six words are loaded into the ML144110 dur-
ing each D/A cycle; four words are loaded into the ML144111.
The last 6–bit word shifted in determines the output level of
pins Q1 Out and R1 Out. The next–to–last 6–bit word affects
pins Q2 Out and R2 Out, etc.
ENB
Negative Logic Enable
The ENB pin must be low (active) during the serial load. On
the low–to–high transition of ENB, data contained in the shift
register is loaded into the latch.
CLK
Shift Register Clock
Data is shifted into the register on the high–to–low transi-
tion of CLK. CLK is fed into the D–input of a transparent
latch, which is used for inhibiting the clocking of the shift reg-
ister when ENB is high.
The number of clock cycles required for the ML144110 is
usually 36. The ML144111 usually uses 24 cycles. SeeTable 1
for additional information.
OUTPUTS
Dout
Data Output
The digital data output is primarily used for cascading the
DACs and may be fed into Din of the next stage.
R1 Out through Rn Out
Resistor Network Outputs
These are the R–2R resistor network outputs. These outputs
may be fed to high–impedance input FET op amps to bypass
the on–chip bipolar transistors. The R value of the resistor net-
work ranges from 7 to 15 kΩ.
Q1 Out through Qn Out
NPN Transistor Outputs
Buffered DAC outputs utilize an emitter–follower configu-
ration for current–gain, thereby allowing interface to low–im-
pedance circuits.
SUPPLY PINS
VSS
Negative Supply Voltage
This pin is usually ground.
VDD
Positive Supply Voltage
The voltage applied to this pin is used to scale the analog
output swing from 4.5 to 15 V p–p.
Table 1. Number of Channels vs Clocks Required
Number of
Channels
Required
Number of
Clock Cycles
Outputs Used on ML144110
Outputs Used on ML144111
1
6
Q1/R1
Q1/R1
2
12
Q1/R1, Q2/R2
Q1/R1, Q2/R2
3
18
Q1/R1, Q2/R2, Q3/R3
Q1/R1, Q2/R2, Q3/R3
4
24
Q1/R1, Q2/R2, Q3/R3, Q4/R4
Q1/R1, Q2/R2, Q3/R3, Q4/R4
5
30
Q1/R1, Q2/R2, Q3/R3, Q4/R4, Q5/R5
Not Applicable
6
36
Q1/R1, Q2/R2, Q3/R3, Q4/R4, Q5/R5, Q6/R6
Not Applicable
Issue A


Số phần tương tự - MC144110P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC144110P LANSDALE-MC144110P Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110P FREESCALE-MC144110P Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results

Mô tả tương tự - MC144110P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com