công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14469P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC14469P
Giải thích chi tiết về linh kiện  Addressable Asynchronous Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC14469P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  MC14469P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.lansdale.com
Page 1 of 10
Issue 0
ML14469
Addressable Asynchronous
Receiver/Transmitter
CMOS
Legacy Device: Motorola MC14469
The ML14469 receives one or two 11–bit words in a serial data
stream. One of the incoming words contains the address and when the
address matches, the ML14469 then transmits information in two
11–bit word data streams. Each of the transmitted words contains
eight data bits, an even parity bit, and start and stop bits.
The received word contains seven address bits with the address of
the ML14469 set on seven pins. Therefore, 27 or 128 units can be
interconnected in simplex or full–duplex data transmission. In addi-
tion to the address received, seven command bits may be received for
general–purpose data or control use.
The ML14469 finds application in transmitting data from remote
analog–to–digital converters, remote MPUs, or remote digital trans-
ducers to the master computer or MPU.
• Supply Voltage Range: 4.5 V to 18 V
• Low Quiescent Current: 75 µA Maximum @ 5 V, 25°C
• Guaranteed Data Rates to 4800 Baud @ 5 V, to 9600 Baud @ 12 V
• Receive — Serial to Parallel
Transmit — Parallel to Parallel
• Transmit and Receive Simultaneously in Full Duplex
• Crystal or Resonator Operation for On–Chip Oscillator
• See Application Note AN806A
• Chip Complexity: 1200 FETs or 300 Equivalent Gates
• Operating Temperature Range TA = –40° to +85°C
P DIP 16 = QP
PLASTIC DIP
CASE 711
PLCC 44 = -4P
PLCC PACKAGE
CASE 777
40
1
44
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 40
MC14469P
ML14469QP
PLCC 44
MC14469FN
ML14469-4P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
PIN ASSIGNMENTS
P DIP
5
4
3
2
1
8
7
6
37
38
39
40
34
35
36
33
C6
C5
C4
C0
VDD
C1
C2
C3
A0
RESET
OSC2
OSC1
A3
A2
A1
A4
13
12
11
10
9
16
15
14
29
30
31
32
26
27
28
25
S4
S3
S2
VAP
CS
SEND
S0
S1
ID1
ID0
A6
A5
ID4
ID3
ID2
ID5
17
20
19
18
22
23
24
21
TRO
S7
S6
S5
RI
ID7
ID6
VSS
PLCC
28
27
26
25
24
23
22
21
20
19
18
40
41
42
43
44
1
2
3
4
5
6
29
30
31
32
33
34
35
36
37
38
39
17
16
15
14
13
12
11
10
9
8
7
S3
S2
S1
S0
SEND
NC
VAP
CS
C6
C5
C4
ID4
ID3
ID2
ID1
ID0
NC
A6
A5
A4
A3
A2
NC = NO CONNECTION


Số phần tương tự - MC14469P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14469P MOTOROLA-MC14469P Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
MC14469P LANSDALE-MC14469P Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
More results

Mô tả tương tự - MC14469P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469 Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
logo
IMP, Inc
EI16C450 IMP-EI16C450 Datasheet
30Kb / 1P
   Universal Asynchronous Receiver
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com