công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13155D bảng dữ liệu(PDF) 11 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC13155D
Giải thích chi tiết về linh kiện  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13155D bảng dữ liệu(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button MC13155D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 14Page - LANSDALE Semiconductor Inc. MC13155D Datasheet HTML 15Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.lansdale.com
Page 11 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
QUADRATURE DETECTOR
The quadrature detector is coupled to the IF with internal 2.0
pF. capacitors between Pins 7 and 8 and Pins 9 and 10. For
wideband data applications, such as FM video and satellite
receivers, the drive to the the detector can be increased with
additional external capacitors between these pins, thus, the
recovered video signal level output is increased for a given
bandwidth (see Figure 11A and Figure 11B).
The wideband performance of the detector is controlled by
the loaded Q of the LC tank circuit. The following equation
defines the components which set the detector circuit's band-
width:
Q=RT/XL
(1)
where: RT is the equivalent shunt resistance across the LC
Tank and XL is the reactance of the quadrature inductor at the
IF frequency (XL = 2πfL).
The inductor and capacitor are chosen to form a resonant LC
Tank with the PCB and parasitic device capacitance at the
desired IF center frequency as predicted by:
fc = (2
π √(LCp))–1
(2)
where: L is the parallel tank inductor and Cp is the equivalent
parallel capacitance of the parallel resonant tank circuit.
The following is a design example for a wideband detector at
70 MHz and a loaded Q of 5. The loaded Q of the quadrature
detector is chosen somewhat less than the Q of the IF band-
pass. For an IF frequency of 70 MHz and an IF bandpass of
10.9 MHz, the IF bandpass Q is approximately 6.4.
Example:
Let thE external Cext = 20 pF. (The minimum value here
should be greater than 15 pF making it greater than the inter-
nal device and PCB parasitic capacitance. Cint
≈ 3.0 pF).
Cp = Cint + Cext = 23 pF
Rewrite Equation 2 and solve for L:
L = (0.159)2/(Cp fc2)
L = 198 nH, thus, a standard value is chosen.
L = 0.22 µH (tunable shielded inductor).
The value of the total damping resistor to obtain the required
loaded Q of 5 can be calculated by rearranging Equation 1:
RT = Q(2
πfl)
RT = 5(2
π)(70)(0.22) - 483.8 Ω
The internal resistance, Rint between the quadrature tank Pins
8 and 9 is approximately 3200 Ω and is considered in deter-
mining the external resistance, Rext which is calculated from:
Rext = ((RT)(Rint))/(Rint–RT)
Rext = 570, thus, choose the standard value
Rext = 560 Ω
SAW FILTER
In wideband video data applications, the IF occupied band-
width may be several MHz wide. A good rule of thumb is to
choose the IF frequency about 10 or more times greater than
the IF occupied bandwidth. The IF bandpass filter is a SAW
filter in video data applications where a very selective
response is needed (i.e., very sharp bandpass response). The
evaluation PCB is laid out to accommodate two SAW filter
package types: 1) A five–leaded plastic SIP package.
Recommended part numbers are Siemens X6950M which
operates at 70 MHz; 10.4 Mhz 3 dB passband, X6951M
(X252.8) which operates at 70 Mhz; 9.2 MHz 3 dB passband;
and X6958M which operates at 70 MHz, 6.3 MHz 3 dB pass-
band, and 2) A four–leaded TO–39 metal can package.
Typical insertion loss in a wide bandpass SAW filter is 25 dB.
The above SAW filters require source and load impedances of
50 Ω to assure stable operation. On the PC board layout,
space is provided to add a matching network, such as a 1:4
surface mount transformer between the SAW filter output and
the input to the ML13155. A 1:4 transformer, made by
Coilcraft and Mini Circuits, provides a suitable interface (see
Figures 16, 17 and 18). In the circuit and layout, the SAW fil-
ter and the ML13155 are differentially configured with inter-
connect traces which are equal in length and symmetrical.
This balanced feed enhances RF stability, phase linearity, and
noise performance.


Số phần tương tự - MC13155D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155D MOTOROLA-MC13155D Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

Mô tả tương tự - MC13155D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com