công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3012KS bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SI-3012KS
Giải thích chi tiết về linh kiện  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SI-3012KS bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-3012KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3012KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
sFeatures
• Compact surface-mount package (SOP-8)
• Output current: 1.0 A
• Low-ESR capacitor can be used.
• Low current consumption Iq
≤ 350
µA (IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF)
≤ 1
µA (VC = 0 V)
• Low dropout voltage VDIF
≤ 0.6 V (IO = 1 A)
• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, and variable type) available
• Output ON/OFF control pin compatible with LS-TTL
• Built-in dropping type overcurrent, thermal protection circuits
sApplications
• Local power supplies
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
SI-3000KS Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage DropperType
Unit
V
V
A
W
°C
°C
°C/W
°C/W
Ratings
17
VIN
1.0
0.76
–40 to +125
–40 to +125
130
22
(Ta=25
°C)
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO) x IO. Calculate these values referring to the
power dissipation vs. copper area data shown in this document.
*2: When mounted on a glass epoxy board measuring 1600 mm2 (with 2% copper area).
qSI-3000KS Series
Parameter
DC Input Voltage
Output Control Pin Voltage
Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal resistance (Junction to Lead (pin 7))
Symbol
VIN*1
VC
IO*1
PD*1, *2
Tj
Tstg
Rth(j-a)*
Rth(j-l)


Số phần tương tự - SI-3012KS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Mô tả tương tự - SI-3012KS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com