công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC12210D bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC12210D
Giải thích chi tiết về linh kiện  Serial Input PLL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12210D bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button MC12210D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12210D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.lansdale.com
Page 6 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12210
PHASE CHARACTERISTICS/VCO CHARACTERISTICS
The phase comparator in the ML12210 is a high speed digital phase frequency detector circuit. The circuit determines the “lead” or “lag”
phase relationship and time difference between the leading edges of the VCO (fp) signal and the reference (fr) input. Since these edges
occur only once per cycle, the detector has a range of ±2
π radians. The phase comparator outputs are standard CMOS rail–to–rail levels
(VP to GND for φP and VCC to GND for φR), designed for up to 20MHz operation into a 15pF load. These phase comparator outputs
can be used along with an external charge pump to enhance the PLL characteristics.
The operation of the phase comparator is shown in Figures 3 and 5. The phase characteristics of the phase comparator are controlled by
the FC pin. The polarity of the phase comparator outputs, φR and φP, as well as the charge pump output Do can be reversed by switching
the FC pin.
Figure 3. Phase/Frequency Detector, Internal Charge Pump and Lock Detect Waveforms
fr
fp
LD
Do (FC = H)
φR (FC = H)
φP (FC = H)
Do (FC = L)
φR (FC = L)
φP (FC = L)
H
L
H
L
H
L
Source
Sink
H
L
H
L
Source
Sink
H
L
H
L
Z
Z
NOTES: Do and BISW are current outputs.
Phase difference detection range: –2π to +2π
Spike difference depends on charge pump characteristics. Also, the spike is output in order to diminish dead band.
When fr > fp or fr < fp, spike might not appear depending upon charge pump characteristics.
BISW (LE = H or Open)
BISW (LE = H or Open)
Internal Charge Pump Gain
Isource
Isink
+
= 4mA


Số phần tương tự - MC12210D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC12210D MOTOROLA-MC12210D Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
MC12210D LANSDALE-MC12210D Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210DT MOTOROLA-MC12210DT Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results

Mô tả tương tự - MC12210D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com