công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML13055-5P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML13055-5P
Giải thích chi tiết về linh kiện  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13055-5P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML13055-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13055-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.lansdale.com
ML13055
Wideband FSK Receiver
Page 1 of 9
Legacy Device: Motorola MC13055
The ML13055 is intended for RF data link systems using
carrier frequencies up to 40 MHz and FSK (frequency shift
keying) data rates up to 2.0 M Baud (1.0 MHz). This design
is similar to the ML3356, except that it does not include the
oscillator/mixer. The IF bandwidth has been increased and
the detector output has been revised to a balanced configura-
tion. The received signal strength metering circuit has been
retained, as has the versatile data slicer/comparator.
• Input Sensitivity 20 µV @ 40 MHz
• Signal Strength Indicator Linear Over 3 Decades
• Easy Application, Few Peripheral Components
• Operating Temperature Range TA = –40° to +85°C
Figure 1. Block Diagram and Application Circuit
Squelch
Adjust
(meter)
40MHz
IF
Input
(50Ω)
+
+
10
11
14
12
13
15
9
16
2
8
7
6
5
4
3
L2
39pF
3.9k
3.9k
68pF
5.0k
Carrier
Detect
100pF
Data
Output
1.0k
Limiter
VCC
0.1
27pF
0.01
L1
22pF
0.8V
1
0.01
0.01
VCC
PIN ASSIGNMENT
Comparator Gnd
Comparator
10
16
15
14
13
12
+
11
9
8
7
6
5
4
3
2
Limiter Bias
Quad Input
Detector
Out
Comparator VCC
Meter Drive
Data Out
Carrier Detect
Limiter Input
1
IF Ground
Quad Bias
IF VCC
P-DIP 16 = EP
Plastic DIP
SO 16 = -5P
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P-DIP 16
MC13055P
ML13055EP
SO 16
MC13055D
ML13055-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
Issue B


Số phần tương tự - ML13055-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13055-5P LANSDALE-ML13055-5P Datasheet
313Kb / 9P
   Wideband FSK Receiver
More results

Mô tả tương tự - ML13055-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com