công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML13145-9P bảng dữ liệu(PDF) 7 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML13145-9P
Giải thích chi tiết về linh kiện  UHF Wideband Receiver Subsystem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13145-9P bảng dữ liệu(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML13145-9P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13145-9P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.lansdale.com
Page 7 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
Pin
Symbol/Type
Description
Description
8VEE
VCC
11
VEE, Negative Supply Voltage
9
PRSCout
PRSC Out
9
VEE
8
VCC
1.0 mA
Prescaler Output
The prescaler output provides typically 500 mVpp
drive to the fin pin of a PLL synthesizer. Conjugately
matching the interface will increase the drive
delivered to the PLL input.
10
MC
VEE
MC
10
Dual Modulus Control Current Input
This requires a current input of typically 200 µApp.
11, 12
VCC
17
VCC, Positive Supply
VCC pin is taken to the incoming positive battery or
regulated dc voltage through a low impedance trace
on the PCB. It decoupled to VEE ground at the pin
of the IC.
14
LNA In
LNAout
VEE
15, 16
3
LNA In
The input is the base of the common emitter
transistor. Minimum external matching is required to
optimize the input return loss and gain.
13, 15,
& 16
VEE
2.0 mA
Vref2
Vref1
VEE
13
LNAin
14
VCC
11,12
VEE, Negative Supply
VEE pin is taken to an ample dc ground plane
through a low impedance path. The path should be
kept as short as possible. A minimum two sided
PCB is recommended so that ground returns can
be easily made through via holes.
17
LNAout
CC
LNA Out
The output is from the collector of the cascode
transistor amplifier. The output may be conjugately
matched with a shunt L (needed to dc bias the open
collector), and series L and C network.
19
Mxr1In
LinAdj1
20
VCC
1st Mixer Input
The mixer input impedance is broadband 50 Ω for
applications up to 2.4 GHz. It easily interfaces with
a RF ceramic filter.
20
Lin Adj1
Mxr1 In
19
450
µA
1st Mixer Linearity Control
The mixer linearity control circuit accepts
approximately 0 to 300 µA control current to set the
dynamic range of the mixer. An Input Third Order
Intercept Point, IIP3 of 17 dBm may be achieved at
300 µA of control current.


Số phần tương tự - ML13145-9P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13145-9P LANSDALE-ML13145-9P Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Mô tả tương tự - ML13145-9P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
Quanzhou Jinmei Electro...
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com