công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7228LNZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7228LNZ
Giải thích chi tiết về linh kiện  LC2MOS Octal 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7228LNZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7228LNZ Datasheet HTML 1Page - Analog Devices AD7228LNZ Datasheet HTML 2Page - Analog Devices AD7228LNZ Datasheet HTML 3Page - Analog Devices AD7228LNZ Datasheet HTML 4Page - Analog Devices AD7228LNZ Datasheet HTML 5Page - Analog Devices AD7228LNZ Datasheet HTML 6Page - Analog Devices AD7228LNZ Datasheet HTML 7Page - Analog Devices AD7228LNZ Datasheet HTML 8Page - Analog Devices AD7228LNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 3 of 15
SPECIFICATIONS
DUAL SUPPLY
VDD = 10.8 V to 16.5 V, VSS = −5 V ± 10%, GND = 0 V, VREF = 2 V to 10 V, RL = 2 kΩ, CL = 100 pF, unless otherwise noted. All
specifications TMIN to TMAX, −40°C to +85°C unless otherwise noted. VOUT must be less than VDD by 3.5 V to ensure correct operation.
Table 1.
Parameter
K and B
Versions
L and C
Versions
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error (TUE)1
±2
±1
LSB max
VDD = 15 V ± 10%, VREF = 10 V
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Full-Scale Error2
±1
±1/2
LSB max
Typical temperature coefficient is 5 ppm/°C with
VREF = 10 V
Zero Code Error
at 25°C
±25
±15
mV max
Typical temperature coefficient is 30 µV/°C
TMIN to TMAX
±30
±20
mV max
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
REFERENCE INPUT
Voltage Range
2/10
2/10
V min/V max
Input Resistance
2
2
kΩ min
Input Capacitance3
500
500
pF max
Occurs when each DAC is loaded with all 1s
AC Feedthrough
−70
−70
dB typ
VREF = 8 V p-p sine wave at 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE3
Voltage Output Slew Rate
2
2
V/µs min
Voltage Output Settling Time
Positive Full-Scale Change
5
5
µs max
VREF = 10 V; settling time to ±1/2 LSB
Negative Full-Scale Change
5
5
µs max
VREF = 10 V; settling time to ±1/2 LSB
Digital Feedthrough
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 0 V; WR = VDD
Digital Crosstalk4
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 10 V; WR = 0 V
POWER SUPPLIES
VDD Range
10.8/16.5
10.8/16.5
V min/V max
For specified performance
VSS Range
−4.5/−5.5
−4.5/−5.5
V min/V max
For specified performance
IDD
Outputs unloaded; VIN = VINL or VINH
at 25°C
16
16
mA max
TMIN to TMAX
20
20
mA max
ISS
Outputs unloaded; VIN = VINL or VINH
at 25°C
14
14
mA max
TMIN to TMAX
18
18
mA max
1
Total unadjusted error includes zero code error, relative accuracy, and full-scale error.
2
Calculated after zero code error is adjusted out.
3
Sample tested at TA = 25°C to ensure compliance.
4
The glitch impulse transferred to the output of one converter (not addressed) due to a change in the digital input code to another addressed converter.


Số phần tương tự - AD7228LNZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

Mô tả tương tự - AD7228LNZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com