công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7228KR bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7228KR
Giải thích chi tiết về linh kiện  LC2MOS Octal 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7228KR bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7228KR Datasheet HTML 6Page - Analog Devices AD7228KR Datasheet HTML 7Page - Analog Devices AD7228KR Datasheet HTML 8Page - Analog Devices AD7228KR Datasheet HTML 9Page - Analog Devices AD7228KR Datasheet HTML 10Page - Analog Devices AD7228KR Datasheet HTML 11Page - Analog Devices AD7228KR Datasheet HTML 12Page - Analog Devices AD7228KR Datasheet HTML 13Page - Analog Devices AD7228KR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 9 of 15
Interface Logic Information
The A0, A1, and A2 address lines select which DAC accepts
data from the input port. Table 6 shows the selection table for
the eight DACs and Figure 8 shows the input control logic.
When the WR signal is low, the input latch of the selected DAC
is transparent, and its output responds to activity on the data
bus. The data is latched into the addressed DAC latch on the
rising edge of WR. While WR is high, the analog outputs
remain at the value corresponding to the data held in their
respective latches.
Table 6. AD7228 Truth Table
Control Inputs
Operation
WR
A2
A1
A0
High
X1
X
X
No operation, device
not selected
Low
Low
Low
Low
DAC 1 transparent
Low to High
Low
Low
Low
DAC 1 latched
Low
Low
Low
High
DAC 2 transparent
Low
Low
High
Low
DAC 3 transparent
Low
Low
High
High
DAC 4 transparent
Low
High
Low
Low
DAC 5 transparent
Low
High
Low
High
DAC 6 transparent
Low
High
High
Low
DAC 7 transparent
Low
High
High
High
DAC 8 transparent
1 X means don’t care.
A0
TO DAC 1 LATCH
A1
A2
WR
TO DAC 2 LATCH
TO DAC 3 LATCH
TO DAC 4 LATCH
TO DAC 5 LATCH
TO DAC 6 LATCH
TO DAC 7 LATCH
TO DAC 8 LATCH
1-OF-8
DECODER
Figure 8. Input Control Logic
Supply Current
The AD7228 has a maximum IDD specification of 20 mA and a
maximum ISS of 18 mA over the −40°C to +85°C temperature
range. Figure 9 shows a typical plot of power supply current vs.
temperature.
VDD = +15V
VSS = –5V
IDD
ISS
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–60
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
–14
Figure 9. Power Supply Current vs. Temperature
Applying the AD7228 Unipolar Output Operation
Unipolar output operation is the basic mode of operation for
each channel of the AD7228 and the output voltage has the same
positive polarity as VREF. Connections for unipolar output operat-
ion are shown in Figure 10. The AD7228 can be operated from
single or dual supplies. The voltage at the reference input must
never be negative with respect to GND. Failure to observe this
precaution may cause parasitic transistor action and possible
device destruction. The code table for unipolar output operation
is shown in Table 7.
VSS
GND
LATCH 5
DAC 5
LATCH 6
DAC 6
LATCH 7
DAC 7
LATCH 8
CONTROL
LOGIC
DAC 8
VOUT8
8
WR
A1
A0
A2
AD7228
10
12
2
3
4
5
6
7
8
9
21
22
23
24
11
1
VOUT7
7
VOUT6
6
VOUT5
5
VOUT4
4
VOUT3
3
VOUT2
2
VOUT1
1
LATCH 1
DAC 1
LATCH 2
DAC 2
LATCH 3
DAC 3
LATCH 4
DAC 4
VREF
VDD
+12V TO +15V
DATA
BUS
MSB
LSB
0V OR –5V
13
20
Figure 10. Unipolar Output Circuit


Số phần tương tự - AD7228KR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results

Mô tả tương tự - AD7228KR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228A AD-AD7228A Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com