công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXT5551 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện CXT5551
Giải thích chi tiết về linh kiện  NPN Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CXT5551 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  CXT5551_14 Datasheet HTML 1Page - Micro Commercial Components CXT5551_14 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CXT5551
NPN
Plastic-Encapsulate
Transistors
Features
x
Power Dissipation: PCM=0.5W (Tamb=25 )
x
Collector Current: ICM=0.6A
x
Collector-Base Voltage: V(BR)CBO=180V
x
Marking : 1G6
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current DC
0.6
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-65 to +150
OC
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VCBO
Collector-Base Voltage
(IC=100
µAdc, I
E=0)
180
---
---
Vdc
VCEO
Collector-Emitter Voltage
(IC=1mAdc, IB=0)
VEBO
Emitter-Base Voltage
(IE=10
µAdc, I
C=0)
6.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=120Vdc, IE=0)
---
---
50
nAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
---
50
nAdc
hFE(1)
DC Current Gain
(VCE=5.0Vdc, IC=1mAdc)
80
---
---
hFE(2)
DC Current Gain
(VCE=5.0Vdc, IC=10mAdc)
hFE(3)
DC Current Gain
(VCE=5.0Vdc, IC=50mAdc)
30
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc,IB=1mAdc)
---
---
0.15
VBE(sat)
Base-Emitter Voltage
fT
Transition Frequency
(VCE=10Vdc, IC=10mAdc,
f=100MHz)
100
---
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
14/11/04




















SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
www.mccsemi.com
1 of
2




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




























































---
---
---
VBE(sat)
Base-Emitter Voltage
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc,IB=5mAdc)
---
---
0.2
(IC=10mAdc,IB=1mAdc)
---
---
(IC=50mAdc,IB=5mAdc)
---
---
Cob
Collector output capacitance
Vdc
Vdc
Vdc
pF
Vdc
300
80
---
NF
Noise figure
(VCE=5Vdc, IC=0.2mAdc,
f=10MHz-15.7KHZ,Rs=10ohm)
---
8
---
6
---
dB
1
1
160
---
---
Vdc
(VCB=10Vdc, IE=0, f=1MHz)
---
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
TM
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Số phần tương tự - CXT5551_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXT5551 CENTRAL-CXT5551_10 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
CXT5551 KEXIN-CXT5551_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Central Semiconductor C...
CXT5551 CENTRAL-CXT5551_15 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com