công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC2383P-O bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện 2SC2383P-O
Giải thích chi tiết về linh kiện  NPN Silicon Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2383P-O bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  2SC2383P-O Datasheet HTML 1Page - Micro Commercial Components 2SC2383P-O Datasheet HTML 2Page - Micro Commercial Components 2SC2383P-O Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Silicon
Plastic-Encapsulate
Transistor
Features
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
160
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100µAdc, IE=0)
160
Vdc
V(BR)EBO
Emitter-Base Voltage
(IE=10µAdc, IC=0)
6.0
Vdc
ICBO
Collector Cutoff Current
(VCB=150Vdc, IE=0)
1.0
µAdc
IEBO
Emitter Cutoff Current
(VEB=6.0Vdc, IC=0)
1.0
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC
=200mAdc, VCE=5.0Vdc)
100
320
VCE(sat)
Collector-Emitter Saturation Voltage
(IC
=500mAdc, IB=50mAdc)
1.0
Vdc
VBE
Base-Emitter Voltage
(I
C=5.0mAdc, VCE=5.0V dc)
0.75
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=200mAdc, VCE=5.0Vdc )
20
MHz
CLASSIFICATION OF HFE (1)
Rank
O
Y
Range
100-200
160-320
Revision:
A
20
16/07/14
www.mccsemi.com
1 of 2
2SC2383
P-O
2SC2383
P-Y
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
Capable of 0.
5Watts of Power Dissipation.
Collector-current 1.0A
Collector-base Voltage 160V
Operating and storage junction temperature range: -55
OC to +150OC
Marking: 2383
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
SOT-89
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Micro Commercial Components
M C C
R
1. Base
2. Collector
3. Emitter
B
A
E
D
G
H
F
K
J
C
3
1
2




 

 
 










25





































1.55
.061
REF.


0.45


Số phần tương tự - 2SC2383P-O

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
logo
DONGGUAN YOU FENG WEI E...
2SC2383 YFWDIODE-2SC2383 Datasheet
473Kb / 2P
   NPN Transistors
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
135Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
logo
Shenzhen Luguang Electr...
2SC2383 LUGUANG-2SC2383 Datasheet
1Mb / 3P
   SOT-89 NPN Medium Power Transistor
Revision:20211206-P1
logo
SHENZHEN YONGERJIA INDU...
2SC2383 WINNERJOIN-2SC2383 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
More results

Mô tả tương tự - 2SC2383P-O

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
MJE13003B MCC-MJE13003B_13 Datasheet
264Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
MJE13003D MCC-MJE13003D Datasheet
170Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com