công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Si2113 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện Si2113
Giải thích chi tiết về linh kiện  Digital TV Receiver for DVB-T/C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si2113 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  Si2113 Datasheet HTML 1Page - Silicon Laboratories Si2113 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital TV Receiver for DVB-T/C
Copyright © 2011 by Silicon Laboratories
09.06.11
DSP
FILTER
ATV
DEMOD
I
ADC
Q
ADC
0 / 90
LOW-IF
RF_IN
LNA
RF_IP
FREQ
SYNTH
RF
AGC
DC/DC
ANTENNA
or CABLE
INPUT
IF
AGC
VDD_L, VDD_D (1.8 V)
VDD_H, VDD_IO (3.3 V)
VDD_S (3.3 or 5 V)
XOSC
24 MHz
PGA
PGA
Si2115/13/11
Balun
A/V
SoC
DSP
TS_SYNC
TS_VAL
TS_ERR
TS_CLK
TS_DATA
[0..7]
CONTROL
INTERFACE
DIGITAL
I/Q
DIGITAL
FILTER
DVB
DEMOD
EQUAL-
IZER
FEC
SDA
SCL
8
INTB
Si2115/13/11
Digital TV Receiver for DVB-T/C
Description
The Si2115/13/11 digital TV receiver integrates a complete
digital TV tuner and a DVB-T and/or DVB-C digital
demodulator into a single, monolithic, CMOS mixed-signal
IC.
Leveraging Silicon Labs' proven 3rd-generation digital
low-IF tuner architecture, the Si2115/13/11 delivers a
higher number of received channels in real-world crowded
spectrum conditions without the need for external LNAs,
tracking filters, or SAW filters.
An enhanced version of the proven DVB-T/C demodulator
technology
from
Silicon
Labs'
Si2165
has
been
incorporated into the Si2115/13/11 to deliver superior
performance under a wide variety of field conditions. The
digital demodulator uses sophisticated on-chip algorithms
to
ensure
optimal
reception
even
under
difficult
transmission conditions. In addition, the Si2115/13/11
offers on-chip Blindscan and Blindlock scanning algorithms
for DVB-C as well as DSP-assisted DVB-T fast channel
scanning.
By combining digital tuner and demodulator functions in a
single device, the Si2115/13/11 enables a full TV receiver
solution in a very small PCB footprint and with minimal
external components. The Si2115/13/11 contains an
on-chip crystal oscillator and only requires the connection
of a standard 24 MHz crystal or a reference clock. For
dual-receiver applications, the primary Si2115/13/11 can
provide a reference clock on its XOUT pin directly to the
XTAL_I pin of the secondary Si2115/13/11, thus saving the
cost of one crystal. The Si2115/13/11 programmable
Transport Stream interface provides both serial and parallel
modes, and is fully compatible with all MPEG decoders and
conditional access modules (CI/CI+) to support any
customer application.
Features
- Digital TV tuner
- 42–870 MHz frequency range
- No alignment, tuning or calibration
- Digital TV (DTV) demodulator and FEC decoder
- DVB-T (ETSI EN 300 744)(Si2115 and Si2111 only)
- DVB-C (ETSI EN 300 429)(Si2115 and Si2113 only)
- ITU J.83 Annex A/C (Si2115 and Si2113 only)
- Supports all DVB-T modes
- Supports DVB-C symbol rates from 1 to 7.2 MBaud
- Advanced echo equalizer
- Best-in-class real-world reception
- Compliance with NorDig 2.1, D-Book, and C-Book 
specifications
- Highly integrated, lowest BOM
- No SAW filters required
- Integrated LNAs and complete tracking filters
- Customizable channel select filters
- Flexible output interface to AV processor
- Serial or parallel TS output
- Low IF output to optional external demodulator
- Single die in standard CMOS process
- 3.3 and 1.8 V power supplies
- 7x7 mm, 48-pin QFN package, RoHS compliant
Applications
- Digital terrestrial or cable STB
- Digital PVR and DVD recorder
- Digital TV
- Digital PC TV card and USB dongle
- Digital full-NIM tuner module


Số phần tương tự - Si2113

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI2110 SILABS-SI2110 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2110 SILABS-SI2110 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2110-X-FM SILABS-SI2110-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2110-X-FM SILABS-SI2110-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

Mô tả tương tự - Si2113

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2185 SILABS-SI2185 Datasheet
62Kb / 2P
   Hybrid DVB-T/C and Analog TV Receiver
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI21682-D60 SILABS-SI21682-D60 Datasheet
162Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
SI2162-C60 SILABS-SI2162-C60 Datasheet
145Kb / 2P
   DVB-T2/C2/T/C Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21682-D60 SKYWORKS-SI21682-D60 Datasheet
172Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
November 17, 2021
SI2162-C60 SKYWORKS-SI2162-C60 Datasheet
162Kb / 2P
   DVB-T2/C2/T/C Digital TV Demodulator
November 25, 2021
logo
Silicon Laboratories
SI2169-B40 SILABS-SI2169-B40 Datasheet
163Kb / 2P
   DVB-T2/T/C/S/S2 Digital TV Demodulator
SI2168-A20 SILABS-SI2168-A20 Datasheet
57Kb / 2P
   New Generation DVB-T2/T/C Digital TV Demodulator
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com