công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SA1015-GR bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện 2SA1015-GR
Giải thích chi tiết về linh kiện  PNP Silicon Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1015-GR bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  2SA1015-GR Datasheet HTML 1Page - Micro Commercial Components 2SA1015-GR Datasheet HTML 2Page - Micro Commercial Components 2SA1015-GR Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1015
-O
PNP Silicon
Plastic-Encapsulate
Transistor
Features
Capable of 0.4Watts of Power Dissipation.
Collector-current
: -0.15A
Collector-base Voltage
: -50V
Operating and storage junction temperature range: -55
OC to +125OC
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-0.1mAdc, IB=0)
-50
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100
µAdc, I
E=0)
-50
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-50Vdc, IE=0)
---
-0.1
µAdc
IEBO
Emitter Cutoff Current
(VEB=-5.0Vdc, IC=0)
---
-0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=
-2.0mAdc, VCE=-6.0Vdc)
70
400
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=
-100mAdc, IB=-10mAdc)
---
-0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-100mAdc, IB=-10mAdc)
---
-1.1
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=-1.0mAdc, VCE=-10Vdc, f=30MHz)
80
MHz
CLASSIFICATION OF HFE (1)
Rank
O
Y
GR
Range
70-140
120-240
200-400
---
Revision: I
2013/04/02
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
2SA1015
-Y
2SA1015
-GR
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
Marking:A1015
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-100
µAdc, I
C=0)
-5
---
Vdc
COB
Collector Output Capacitance
(
VCB=-10Vdc, IE=0,f=1MHz)
---
7.0
pF
NF
Noise Figure
(
VCE=-6Vdc, IC=-0.1mAdc,f=1KHz,Rg=10K)
---
6.0
dB
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"


Số phần tương tự - 2SA1015-GR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
2SA1015-GR MCC-2SA1015-GR Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-GR MCC-2SA1015-GR Datasheet
390Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
More results

Mô tả tương tự - 2SA1015-GR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
MMS8550-L MCC-MMS8550-L Datasheet
189Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com