công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML212D-12 bảng dữ liệu(PDF) 1 Page - MicroPower Direct, LLC |
|
ML212D-12 bảng dữ liệu(HTML) 1 Page - MicroPower Direct, LLC |
1 / 5 page www.micropowerdirect.com MicroPower Direct 292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com Key Features: • 2W Output Power • Ultra-Miniature SMT Case • 1,500 VDC Isolation • Single And Dual Outputs • 5V, 12, & 24V Inputs • -40ºC to +85ºC Operation • 16 Standard Models • 2.0 MH MTBF Minimum • Available on Tape/Reel ML200x Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters Series Input Parameter Conditions Min. Typ. Max. Units Input Voltage Range 5 VDC Input 4.5 5.0 5.5 VDC 12 VDC Input 10.8 12.0 13.2 24 VDC Input 21.6 24.0 26.4 Reverse Polarity Input Current 0.3 A Input Filter Capacitor Output Parameter Conditions Min. Typ. Max. Units Output Voltage Accuracy ±5.0 % Output Voltage Balance Dual Outputs, Balanced Loads ±0.1 ±1.0 % Line Regulation For VIN Change of 1% ±1.2 ±1.5 % Load Regulation, See Note 2 See Model Selection Guide Ripple & Noise (20 MHz) See Note 3 120 mV P - P Temperature Coefficient ±0.01 ±0.02 %/ºC Output Short Circuit Momentary (0.5 Sec.) General Parameter Conditions Min. Typ. Max. Units Isolation Voltage 60 Seconds 1,500 VDC Isolation Resistance 500 VDC 1,000 M Isolation Capacitance 100 kHz, 1V 60 100 pF Switching Frequency 50 100 120 kHz Environmental Parameter Conditions Min. Typ. Max. Units Operating Temperature Range Ambient -40 +25 +85 ºC Maximum Case Temperature Case +90 ºC Storage Temperature Range -50 +125 ºC Cooling Free Air Convection Humidity RH, Non-condensing 95 % Physical Case Size See Mechanical Drawings (Page 3) Case Material Non-Conductive Black Plastic (UL94-V0) Weight Single Output Models 0.05 Oz (1.5g) Dual Output Models 0.08 Oz (2.2g) Reliability Specifications Parameter Conditions Min. Typ. Max. Units MTBF MIL HDBK 217F, 25ºC, Gnd Benign 2.0 MHours Moisture Sensitivity Level (MSL) IPC/JEDEC J-STD-020D.1 Level 2 Absolute Maximum Ratings Parameter Conditions Min. Typ. Max. Units Input Voltage Surge (1 Sec) 5 VDC Input 9.0 VDC 12 VDC Input 18.0 24 VDC Input 30.0 Peak Reflow Temperature See “Reflow Settings Page 2 245 ºC Lead Temperature 1.5 mm From Case For 10 Sec. 300 ºC Internal Power Dissipation All Models 650 mW Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings. Electrical Specifications Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice. |
Số phần tương tự - ML212D-12 |
|
Mô tả tương tự - ML212D-12 |