công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML205D-05 bảng dữ liệu(PDF) 2 Page - MicroPower Direct, LLC

tên linh kiện ML205D-05
Giải thích chi tiết về linh kiện  Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPD [MicroPower Direct, LLC]
Trang chủ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML205D-05 bảng dữ liệu(HTML) 2 Page - MicroPower Direct, LLC

  ML205D-05 Datasheet HTML 1Page - MicroPower Direct, LLC ML205D-05 Datasheet HTML 2Page - MicroPower Direct, LLC ML205D-05 Datasheet HTML 3Page - MicroPower Direct, LLC ML205D-05 Datasheet HTML 4Page - MicroPower Direct, LLC ML205D-05 Datasheet HTML 5Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.micropowerdirect.com
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML205S-03
5
4.50 - 5.50
471
60
3.3
500
10.0
11
73
47
1,000
ML205S-05
5
4.50 - 5.50
548
60
5.0
400
8.0
11
78
47
1,000
ML205S-12
5
4.50 - 5.50
514
60
12.0
165
3.0
11
78
10
1,000
ML205D-05
5
4.50 - 5.50
541
60
±5.0
±200
±4.0
10
74
10
1,000
ML205D-12
5
4.50 - 5.50
524
60
±12.0
±83
±1.5
7
78
4.7
1,000
ML205D-15
5
4.50 - 5.50
521
60
±15.0
±66
±1.0
7
78
4.7
1,000
ML212S-03
12
10.8 - 13.2
191
30
3.3
500
10.0
8
74
47
500
ML212S-05
12
10.8 - 13.2
222
30
5.0
400
8.0
8
76
47
500
ML212S-12
12
10.8 - 13.2
209
30
12.0
165
3.0
5
79
10
500
ML212D-12
12
10.8 - 13.2
208
30
±12.0
±83
±1.5
5
78
4.7
500
ML212D-15
12
10.8 - 13.2
206
30
±15.0
±66
±1.0
5
79
4.7
500
ML224S-03
24
21.6 - 26.4
96
15
3.3
500
10.0
8
72
47
250
ML224S-05
24
21.6 - 26.4
111
15
5.0
400
8.0
8
78
47
250
ML224S-12
24
21.6 - 26.4
105
15
12.0
165
3.0
5
77
10
250
ML224D-12
24
21.6 - 26.4
105
15
±12.0
±83
±1.5
5
78
4.7
250
ML224D-15
24
21.6 - 26.4
104
15
±15.0
±66
±1.0
5
78
4.7
250
Derating Curve
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is measured for an output change of 20% to 100%.
3. When measuring output ripple, it is recommended that an external 0.33 µF ceramic capacitor
be placed from each output to the common pin. For noise sensitive applications, the use of 3.3
µF capacitors will reduce the output ripple.
4. Operation at no-load will not damage these units. However, they may not meet all specifications.
5. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where the
converter output loading is high and input power is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor be mounted
close to the converter. For 5V input units a 2.2 µF is recommended; a 1.0 µF for 12V input
units; and for 24V input models, a 0.47 µF.
6. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
Reflow Solder Settings
The ML200x series is designed to meet the IPC/
JEDEC standard J-STD-020D for reflow solder-
ing. The recommended reflow settings are a peak
temperature of 245 °C for a maximum period
(TPK) of 10S and a time above liquidous (TL) of
<60 seconds at 217 °C, as illustrated above. For
more information, please contact the factory.


Số phần tương tự - ML205D-05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
ML205DMR-12RI4 MPD-ML205DMR-12RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
ML205DMR-15RI4 MPD-ML205DMR-15RI4 Datasheet
731Kb / 2P
   Medical Approved Compact SMT, 2W DC/DC Converters
More results

Mô tả tương tự - ML205D-05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
   2W, High Isolation Ultra-Miniature SMT DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com