công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC2512S-12RW bảng dữ liệu(PDF) 1 Page - MicroPower Direct, LLC

tên linh kiện MC2512S-12RW
Giải thích chi tiết về linh kiện  High Performance, 25W Wide Input Range DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPD [MicroPower Direct, LLC]
Trang chủ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MC2512S-12RW bảng dữ liệu(HTML) 1 Page - MicroPower Direct, LLC

  MC2512S-12RW Datasheet HTML 1Page - MicroPower Direct, LLC MC2512S-12RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
25W Output Power
Wide 2:1 Input Range
High Efficiency
1,500 VDC Isolation
Single and Dual Outputs
>1.12 MHour MTBF
-40°C to +85°C Operation
MC2500xRW
High Performance, 25W
Wide Input Range
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
72.0
Input Filter
Internal Capacitors
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation, IOUT = 0% to 100%
Single Output
±0.5
%
Dual Output, See Note 1
±0.5
Ripple & Noise (20 MHz), See Note 2
100
mV P - P
Temperature Coefficient
±0.02
%/°C
Output Overload Protection
140
%IOUT
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input/Output 3 Seconds
1,500
VDC
Isolation Voltage
Case/Input or Output
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 0.1V
1,000
pF
Switching Frequency
125
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.00 x 2.00 x 0.40 Inches (50.80 x 50.80 x 10.16 mm)
Case Material
Metal Case, Epoxy Base (UL-94V0)
Weight
2.1 Oz (60.0g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.121
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (0.1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Series
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Số phần tương tự - MC2512S-12RW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
RCD COMPONENTS INC.
MC2512 RCD-MC2512 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
MC2512B RCD-MC2512B Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
MC2512BP RCD-MC2512BP Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
MC2512BU RCD-MC2512BU Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
MC2512P RCD-MC2512P Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
More results

Mô tả tương tự - MC2512S-12RW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
   High Performance, 15W Wide Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MA600ERUI MPD-MA600ERUI Datasheet
888Kb / 4P
   Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
   Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
D200ERW MPD-D200ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com