công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM24LC16IS bảng dữ liệu(PDF) 2 Page - Anachip Corp |
|
AM24LC16IS bảng dữ liệu(HTML) 2 Page - Anachip Corp |
2 / 10 page 2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM AM24LC16 Anachip Corp. www.anachip.com.tw Rev. A1 Oct 20, 2003 2/10 ATC Block Diagrams START STOP LOGIC CONTROL LOGIC SLAVE ADDRESS REGISTER & COMPARATOR WORD ADDRESS COUNTER H.V. GENERATION TIMING & CONTROL XDEC EEPROM ARRAY 128x16x8 WP SDA SCL inc load ck start cycle YDEC DATA REGISTER DOUT ACK VCC VSS Din R/W ~ , device address bit A0 Dout Absolute Maximum Ratings Characteristics Symbol Values Unit Storage Temperature TS -65 to + 125 °C Voltage with Respect to Ground -0.3 to + 6.5 V NOTE: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability. Operating Conditions Temperature under bias Values Unit AM24LC16 0 to + 70 °C AM24LC16I -40 to + 85 °C AM24LC16V -40 to +125 °C |
Số phần tương tự - AM24LC16IS |
|
Mô tả tương tự - AM24LC16IS |