công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UZO24.121 bảng dữ liệu(PDF) 6 Page - PULS GmbH

tên linh kiện UZO24.121
Giải thích chi tiết về linh kiện  BATTERY MODULE 24V, 12AH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULS [PULS GmbH]
Trang chủ  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.121 bảng dữ liệu(HTML) 6 Page - PULS GmbH

Back Button UZO24.121 Datasheet HTML 2Page - PULS GmbH UZO24.121 Datasheet HTML 3Page - PULS GmbH UZO24.121 Datasheet HTML 4Page - PULS GmbH UZO24.121 Datasheet HTML 5Page - PULS GmbH UZO24.121 Datasheet HTML 6Page - PULS GmbH UZO24.121 Datasheet HTML 7Page - PULS GmbH UZO24.121 Datasheet HTML 8Page - PULS GmbH UZO24.121 Datasheet HTML 9Page - PULS GmbH UZO24.121 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
12. ENVIRONMENT
Operational temperature *)
-10°C to +40°C (14°F to 104°F)
For charging
Frequently charging below +5°C (41°F) reduced
the lifetime of the battery
-15°C to +50°C (5°F to 122°F)
For discharging
Storage temperature
-20°C to +50°C (-4°F to 122°F)
For storage and transportation
Recommendation:
Do not store at temperatures higher than 25°C
or performance and lifetime may change.
Humidity
5 to 95% r.h.
IEC 60068-2-30
Do not energize while condensation is present
Vibration sinusoidal
±4mm at 16.7Hz
fixed frequency for 1hour
Vibration in vertical mounting orientation
according to IEC/EN 61056-1
Shock
free fall from 20cm
onto a wooden floor
Shock with bottom down orientation
according to IEC/EN 61056-1
Altitude
0 to 6000m (0 to 20 000ft)
Degree of pollution
2
According to IEC 62477-1, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
Corrosive gases
ISA-71.04-1985, Severity Level G3
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
13. SENSOR BOARD
6/11
The battery module includes a monitoring and
protection board. This board contains a
temperature sensor and a center-tap connection
with an auto-resettable fuse to protect the
center-tap wire between the battery module and
the DC-UPS control unit.
The use of the sensor board enables to monitor
and charge the two batteries individually and
precisely, which extends the service life of the
batteries and makes the use of matched replacement batteries unnecessary.
The use of the sensor board is optional, the DC-UPS will also function without the sensor board installed.
Aug. 2017 / Rev. 2.0 DS-UZK24.121-EN
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Số phần tương tự - UZO24.121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PULS GmbH
UZO24.121 PULS-UZO24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
More results

Mô tả tương tự - UZO24.121

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PULS GmbH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
logo
GS Yuasa Battery Sales ...
GS-GTX14L-BS GSYUASABATTERY-GS-GTX14L-BS Datasheet
189Kb / 1P
   Capacity (10-hour) 12Ah
logo
PHOENIX CONTACT
2908235 PHOENIX-2908235 Datasheet
56Kb / 2P
   Uninterruptible power supply replacement battery - UPS-BAT-KIT-VRLA2X12V/12AH
09/12/2020
logo
LiTech Power Co.,Ltd.
10S4P LITECH-10S4P Datasheet
1Mb / 6P
   Specification of LiTech Power Li-ion 10S4P 12Ah Flexible Battery Pack
logo
IOGEAR
GBP24V18AH IOGEAR-GBP24V18AH Datasheet
117Kb / 2P
   24V 2U External Battery Pack for GBB1000N
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
PULS GmbH
UZK24.121 PULS-UZK24.121 Datasheet
325Kb / 9P
   BATTERY MODULE
logo
OptoSupply Internationa...
OSR5JA5111A-KKW OPTOSUPPLY-OSR5JA5111A-KKW Datasheet
107Kb / 1P
   5mm Round Module 24V LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com