công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM4006PL bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện SM4006PL
Giải thích chi tiết về linh kiện  1.0 Ampere Silion Rectifier 50 to 1000 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SM4006PL bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  SM4006PL Datasheet HTML 1Page - Micro Commercial Components SM4006PL Datasheet HTML 2Page - Micro Commercial Components SM4006PL Datasheet HTML 3Page - Micro Commercial Components SM4006PL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.0 Ampere
Silion Rectifier
50 to 1000 Volts
Features

Low Leakage Current
Maximum Ratings
 Operating Temperature(Tj): -55 to +150
 Storage Temperature(TSTG): -55 to +150
 Typical Thermal Resistance(RthJA): 50 /W
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Full Load
Reverse Current
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
50uA-----TA=100
Average ,Full Cycle
9.5mm Lead Length
TL=75
A
B
E
C
D
H
G
A
-
TA =75
-1.1V-
TA = 25
-
-
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SM4001PL
A1
50V
35V
50V
SM4002PL
A2
100V
70V
100V
SM4003PL
A3
200V
140V
200V
SM4004PL
A4
400V
280V
400V
SM4005PL
A5
600V
420V
600V
SM4006PL
A6
800V
560V
800V
SM4001PL
thru
SM4007PL
www.mccsemi.com
1 of 4
-
-
-
Reverse
-
-
-
Voltage
SM4007PL
A7
1000V
700V
1000V
Revision:
I
2016/12/15
20
15/04/22
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.0
47
0.90
1.
20
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Halogen free available upon request by adding suffix "-HF"

Glass Passivated Junction
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
I F=1.0A
-
-
-
30
µA
IR
Note:1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Typical Reverse
Recovery Time
Trr
>
1000ns
IF=0.5A,IR=1.0A
IRR=0.25A
Cathode
Band
Micro Commercial Components
M C C
R


Số phần tương tự - SM4006PL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SM4006PL MCC-SM4006PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4006PL MCC-SM4006PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4006PL MCC-SM4006PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4006PL MCC-SM4006PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
SM4006PL CHENDA-SM4006PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results

Mô tả tương tự - SM4006PL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SM4001PL MCC-SM4001PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4004PL-TP MCC-SM4004PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL-TP MCC-SM4001PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4002PL-TP MCC-SM4002PL-TP Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com