công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS22-L bảng dữ liệu(PDF) 5 Page - Micro Commercial Components

tên linh kiện SS22-L
Giải thích chi tiết về linh kiện  2 Amp Schottky Rectifier 20 to 200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS22-L bảng dữ liệu(HTML) 5 Page - Micro Commercial Components

  SS22-L_14 Datasheet HTML 1Page - Micro Commercial Components SS22-L_14 Datasheet HTML 2Page - Micro Commercial Components SS22-L_14 Datasheet HTML 3Page - Micro Commercial Components SS22-L_14 Datasheet HTML 4Page - Micro Commercial Components SS22-L_14 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Revision: E
2014/03/07
5 of 5
MCC
TM
Micro Commercial Components
www.mccsemi.com
3
Device
Packing
Part Number-TP
Tape&Reel: 5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Số phần tương tự - SS22-L_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
SS22-LFR FRONTIER-SS22-LFR Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS22-L_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SK22-L MCC-SK22-L Datasheet
358Kb / 4P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS25-LTP MCC-SS25-LTP Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS210-LTP MCC-SS210-LTP Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS22-L MCC-SS22-L Datasheet
332Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
SS24-LTP MCC-SS24-LTP Datasheet
347Kb / 5P
   2 Amp Schottky Rectifier 20 to 200 Volts
MBR2020 MCC-MBR2020_09 Datasheet
107Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 200 Volts
SK52B-L MCC-SK52B-L_15 Datasheet
224Kb / 4P
   5 Amp Schottky Rectifier 20 to 200 Volts
MBR20020 MCC-MBR20020 Datasheet
126Kb / 3P
   200 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR20020CT MCC-MBR20020CT Datasheet
414Kb / 3P
   200 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBRB1020 MCC-MBRB1020 Datasheet
257Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 200 Volts
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com