công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG86A bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NBSG86A
Giải thích chi tiết về linh kiện  Evaluation Board Manual
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86A bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NBSG86A Datasheet HTML 1Page - ON Semiconductor NBSG86A Datasheet HTML 2Page - ON Semiconductor NBSG86A Datasheet HTML 3Page - ON Semiconductor NBSG86A Datasheet HTML 4Page - ON Semiconductor NBSG86A Datasheet HTML 5Page - ON Semiconductor NBSG86A Datasheet HTML 6Page - ON Semiconductor NBSG86A Datasheet HTML 7Page - ON Semiconductor NBSG86A Datasheet HTML 8Page - ON Semiconductor NBSG86A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NBSG86ABAEVB
http://onsemi.com
3
AND/NAND Function Setup (continued)
Connect the Inputs
Step 2:
For Differential Mode (3.3 V and 2.5 V operation)
2a: Connect the differential outputs of the generator to the differential inputs of the device
(D1/D1 and SEL/SEL).
2b: Connect the DO input to VTT.
2c: Connect the DO input to VCC.
2d: Connect the generator trigger to the oscilloscope trigger.
For Single-Ended Mode (3.3 V operation only)
2a: Connect an AC-coupled output of the generator to the desired differential input of the
device.
2b: Connect the unused differential input of the device to VTT (GND) through a 50
W resis-
tor.
2c: Connect the DO input to VTT.
2d: Connect the DO input to VCC.
2e: Connect the generator trigger to the oscilloscope trigger.
All Function Setups
Connect OLS (Output Level Select) to the required voltage to obtain desired output ampli-
tude. Refer to the NBSG86A device data sheet page 2 OLS voltage table.
Setup Input Signal
Step 3:
3a: Set the signal generator amplitude to 400 mV. Note that the signal generator amplitude
can vary from 75 mV to 900 mV to produce a 400 mV DUT output.
3b: Set the signal generator offset to 660 mV (the center of a nominal RSECL output). Note
that the VIHCMR (Input High Voltage Common Mode Range) allows the signal generator
offset to vary as long as VIH is within the VIHCMR range. Refer to the device data sheet for
further information.
3c: Set the generator output for a square wave clock signal with a 50% duty cycle, or for a
PRBS data signal.
Connect Output Signals
Step 4:
4a: Connect the outputs of the evaluation board (Q, Q) to the oscilloscope. The
oscilloscope sampling head must have internal 50
W termination to ground.
NOTE:
Where a single output is being used, the unconnected output for the pair
must be terminated to
VTT through a 50 W resistor for best operation. Unused pairs may be left unconnected. Since
VTT = 0 V, a standard 50 W SMA termination is recommended.


Số phần tương tự - NBSG86A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
More results

Mô tả tương tự - NBSG86A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com